Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VF2-016-R2/N

  • AI
    The **M2VF2-016-R2/N** is a specialized electronic component commonly used in precision motion control, specifically within the realm of **optical encoders** and **linear scales**. This part number typically refers to a high-resolution scanning head or a specific feedback sensor assembly. --- ### 1. Key Technical Specifications Based on the industry nomenclature for this series, here are the primary electronic characteristics: | Parameter | Typical Specification | |:---|:---| | **Input Voltage** | 5V DC (±5%) | | **Output Signal** | Digital (TTL) / RS422 Differential | | **Resolution** | 0.1 µm to 5 µm (depending on configuration) | | **Current Consumption** | < 150 mA | | **Scanning Speed** | Up to 10 m/s (model dependent) | | **Interface** | 15-pin D-sub or flying leads | ### 2. Electronic Components & Internal Workings The "R2/N" designation usually highlights specific electronic output behaviors or reference mark configurations: * **Photosensors:** The core of the unit contains an array of photodetectors that read optical patterns from a scale (glass or steel). * **Signal Processing ASIC:** Inside the head is an Application-Specific Integrated Circuit (ASIC) that interpolates the raw analog sine/cosine signals into digital pulses. * **Differential Drivers:** It utilizes RS422 differential line drivers to ensure signal integrity over long cable runs, reducing the impact of Electromagnetic Interference (EMI). * **Reference Mark (N):** The "/N" suffix usually indicates a **Reference Mark** capability, which provides a unique electronic pulse at a specific position for homing the machine. ### 3. Application Areas This component is vital in systems requiring extreme positional accuracy: 1. **CNC Machining:** Providing feedback to the controller regarding the exact position of the axis. 2. **Semiconductor Manufacturing:** Used in wafer inspection and lithography stages. 3. **Metrology:** Integration into Coordinate Measuring Machines (CMM). --- ### 4. Wiring and Signal Logic The output logic follows a standard quadrature format: ```json { "Signal_A": "Incremental position count", "Signal_B": "Phase-shifted 90 degrees (determines direction)", "Signal_Z": "Index/Reference mark (once per revolution/scale)", "Complimentary": "/A, /B, /Z (Inverted signals for noise cancellation)" } ```
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the M2VF2-016-R2/N?
    • ⤷ How do I troubleshoot 'Signal Loss' errors with this specific encoder head?
    • ⤷ What is the compatible scale type for this scanning head?