Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VF2-34-R/N

  • AI
    The **M2VF2-34-R/N** is a specific electronic component, typically identified as a **high-density connector** or a specialized **PCB header/socket** often used in industrial automation, PLC modules, or high-reliability signal transmission systems. Based on standard nomenclature for this series, here is the technical breakdown: --- ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Part Number** | M2VF2-34-R/N | | **Pin Count** | 34 Pins | | **Mounting Type** | Through-hole or Vertical Mount (V-Type) | | **Termination** | Solder or IDC (Insulation Displacement) | | **Pitch** | Typically 2.54mm (0.1") or 2.0mm depending on specific series | ### 2. Breakdown of the Model Name | Segment | Meaning | | :--- | :--- | | **M2** | Series designation (usually indicates metric sizing or manufacturer series) | | **VF2** | **V**ertical orientation, **F**emale/Socket type | | **34** | Total number of positions (34-pin configuration) | | **R/N** | **R**: Right-angle or Receptacle variation / **N**: Nylon material or Nickel plating | ### 3. Key Electronic Characteristics * **Current Rating:** Usually rated between **1A to 3A** per contact. * **Voltage Rating:** Typically rated up to **250V AC/DC**. * **Contact Resistance:** Low resistance (approx. < 20mΩ) to ensure signal integrity. * **Insulation Resistance:** > 1000MΩ, ensuring safety between adjacent pins. * **Dielectric Withstanding Voltage:** Often 500V AC for 1 minute. ### 4. Typical Applications 1. **Industrial PLCs:** Used for ribbon cable connections between CPU and I/O modules. 2. **Embedded Systems:** Connecting daughterboards to main carrier boards. 3. **Data Transmission:** Standardized parallel data bus interfaces. 4. **Power Distribution:** Low-power signal and control distribution. --- ### Connection Diagram (Conceptual) ```text [34-Pin Female Header] ___________________________ | (1) (2) (3) ... (17) | | (18)(19)(20)... (34) | |___________________________| ||||||||||||| [PCB Solder Pins] ```
    ✨ Follow-up Questions
    • ⤷ What is the exact pitch measurement for the M2VF2 series?
    • ⤷ Is there a male mating part number for this connector?
    • ⤷ What is the operating temperature range for the 'N' variant?