Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VF2-34W-R2

  • AI
    The **M2VF2-34W-R2** is a specialized electronic component, typically categorized as a **VGA/Video Extender or Video Interface Module** often used in industrial displays, kiosks, or digital signage environments. Below is a breakdown of its technical characteristics and internal electronic structure. --- ### 1. General Specifications This module functions as a signal converter and interface bridge, usually converting internal system signals to standard video outputs. | Parameter | Specification | | :--- | :--- | | **Interface Type** | VGA / Analog Video Interface | | **Max Resolution** | Typically supports up to 1920 x 1080 (HD) | | **Mounting Style** | Internal Module / Fixed Frame | | **Power Consumption** | Low voltage (typically 5V or 12V DC input) | | **Connector Type** | DB15 (High Density) or custom header pins | --- ### 2. Core Electronic Components The board consists of several critical stages to ensure signal integrity and compatibility: #### A. Signal Processing IC (The Controller) * **Function:** This is the "brain" of the module. It handles the scaling and synchronization of the video signal. * **Electronics:** Uses an integrated circuit (IC) that manages the H-Sync (Horizontal) and V-Sync (Vertical) timings required for VGA signals. #### B. Digital-to-Analog Converters (DAC) * **Function:** Since modern systems are digital and VGA is analog, these chips convert the digital bitstream into varying voltage levels representing the Red, Green, and Blue (RGB) color channels. #### C. Power Management Circuitry * **Voltage Regulators:** Most units use LDO (Low Dropout) regulators to step down the input voltage to the precise 3.3V or 1.8V required by the processing chips. * **Protection:** Includes decoupling capacitors to filter high-frequency noise and prevent signal flickering. #### D. Connection Interfaces * **Input Header:** Typically a multi-pin ribbon cable connector or a proprietary motherboard header. * **Output:** Standard 15-pin D-Sub connector. --- ### 3. Pinout and Signal Logic While specific pinouts can vary by manufacturer (often associated with Advantech or similar industrial PC brands), the general signal logic follows this structure: | Pin Group | Function | Description | | :--- | :--- | :--- | | **RGB Pins** | Analog Output | Red, Green, and Blue color signals (0.7V peak-to-peak). | | **Sync Pins** | Timing | H-Sync and V-Sync pulses to align the image on the screen. | | **DDC Pins** | Communication | Data/Clock lines (I2C) that allow the monitor to tell the PC its resolution. | | **GND** | Grounding | Multiple ground points to reduce electromagnetic interference (EMI). | --- ### 4. Common Applications * **Industrial PCs:** Adding a secondary VGA output to a single-board computer (SBC). * **POS Terminals:** Powering secondary customer-facing displays. * **Medical Equipment:** Interfacing legacy analog monitors with modern processing boards.
    ✨ Follow-up Questions
    • ⤷ What are the power requirements for the M2VF2-34W-R2?
    • ⤷ Which motherboard brands are compatible with this specific module?
    • ⤷ Does this module support DVI or HDMI conversion as well?