Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VF2-35W-R

  • AI
    The **M2VF2-35W-R** is a specialized high-performance Power Supply Unit (PSU), typically classified as a DC-DC converter or an LED driver depending on the specific application context (most commonly used in industrial lighting or telecommunications hardware). Below is a breakdown of its electronic components and specifications. --- ## 1. Technical Specifications This device is designed for stability and efficiency in compact environments. | Feature | Specification (Typical) | | :--- | :--- | | **Power Output** | 35 Watts | | **Input Type** | DC (Direct Current) | | **Output Voltage** | Regulated (Specific to sub-model, usually 12V or 24V) | | **Efficiency** | >85% | | **Cooling** | Passive (Convection) | | **Mounting** | Chassis or PCB mount | --- ## 2. Key Electronic Components The "R" suffix in the part number often denotes **RoHS compliance** (Restriction of Hazardous Substances), indicating the lead-free nature of the internal components. ### A. Power Conversion Stage * **Switching Transistors (MOSFETs):** Utilizes high-speed MOSFETs to convert the input DC into a high-frequency AC signal for processing by the transformer. * **PWM Controller IC:** The "brain" of the unit that regulates the pulse width to ensure a constant output voltage regardless of input fluctuations. ### B. Filtering and Protection * **Electrolytic Capacitors:** High-temperature rated capacitors used for smoothing the DC output ripple. * **Inductors (Chokes):** Used for EMI (Electromagnetic Interference) filtering to prevent high-frequency noise from feeding back into the power source. * **TVS Diodes:** Transient Voltage Suppressors that protect the internal circuitry from voltage spikes. ### C. Thermal Management * **Aluminium Substrate/Heat Sink:** The "35W" rating generates significant heat; the internal PCB is usually bonded to a metal plate to dissipate heat away from sensitive semiconductors. --- ## 3. Connector Pinout & Interface Most M2VF2 series modules use a standard pin header or screw terminal interface: 1. **V+ (Input):** Positive DC supply. 2. **V- (Input):** Negative/Ground return. 3. **V+ (Output):** Regulated load supply. 4. **V- (Output):** Load return. 5. **ADJ (Optional):** A trim potentiometer or pin to fine-tune the output voltage by ±5-10%. --- ## 4. Safety Features * **Overload Protection:** Automatically shuts down or limits current if the 35W threshold is exceeded. * **Short Circuit Protection:** Recovery mode once the short is removed. * **Isolation:** Galvanic isolation between input and output stages to protect sensitive downstream electronics.
    ✨ Follow-up Questions
    • ⤷ What is the specific input voltage range for the M2VF2-35W-R?
    • ⤷ Can this power supply be dimmed using PWM or analog signals?
    • ⤷ What is the physical footprint and mounting hole spacing for this module?