Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VF2-3A-R2

  • AI
    The **M2VF2-3A-R2** is a specific industrial electronic component, typically categorized as a **Solid State Interface Module** or a **Slim Relay Terminal**. These devices are used to bridge the gap between low-power control signals (like those from a PLC) and higher-power field devices. Below is a detailed breakdown of its electronic characteristics and construction. --- ### 1. Technical Specifications The "3A" in the part number usually signifies the switching current capacity, while the "R2" often denotes a revision or specific terminal configuration. | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 24V DC (Common for PLC outputs) | | **Switching Capacity** | Up to 3A | | **Output Type** | MOSFET or Transistor (Solid State) | | **Isolation** | Opto-coupler / Photocoupler | | **Mounting Type** | DIN Rail (Slim 6.2mm or 12mm profile) | | **Response Time** | < 1ms (Fast switching) | --- ### 2. Internal Electronic Components The module is comprised of several key electronic sections that allow it to function without moving parts: * **Input Protection Circuit:** * **Polarity Protection Diode:** Prevents damage if the 24V DC input wires are reversed. * **LED Indicator:** A small Surface Mount (SMD) LED that illuminates when the input signal is active. * **Optoisolation:** * Contains an **Optocoupler**. This uses light to transfer the signal from the input side to the output side, providing thousands of volts of electrical isolation to protect the PLC from surges. * **Switching Element:** * Uses a **Power MOSFET** or an **IGBT**. Unlike a mechanical relay, this does not have physical contacts, meaning it does not spark (no arcing) and has an almost infinite mechanical lifespan. * **Output Protection:** * **Freewheeling Diode:** Protects the internal transistor from "Inductive Kickback" when switching motors or solenoid valves. --- ### 3. Connection Interface The unit typically features a "Plug-in" or "Screw Terminal" design for easy maintenance. ```yaml Terminal Layout: Input_Side: - A1: Positive (+) Control Signal - A2: Negative (-) Common Output_Side: - 13+: Load Supply Positive - 14: Load Output (To Device) ``` --- ### 4. Key Advantages 1. **Silent Operation:** No "clicking" sound associated with mechanical relays. 2. **High Frequency:** Can be turned on/off thousands of times per minute (PWM compatible), which mechanical relays cannot do. 3. **Long Life:** Since there is no contact wear, the component typically lasts until the internal semiconductors degrade (years of continuous use).
    ✨ Follow-up Questions
    • ⤷ What is the difference between this solid-state module and a standard electromagnetic relay?
    • ⤷ Can the M2VF2-3A-R2 handle AC loads or is it strictly for DC?
    • ⤷ What are the common failure modes for this type of interface module?