Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VF2-3E-R

  • AI
    The **M2VF2-3E-R** belongs to a specialized category of industrial interface modules, typically associated with **M-System** (now part of MG CO., LTD) signal conditioners. This specific model is a signal isolator/transmitter designed to convert and isolate analog signals in industrial automation. --- ## Technical Specifications & Components The M2VF2-3E-R is a plug-in signal conditioner. Below is a breakdown of its primary electronic and functional characteristics: | Feature | Specification | |:---|:---| | **Primary Function** | Signal Isolation & Conversion | | **Input Signal** | 4 – 20 mA DC (Standard) | | **Output Signal** | 1 – 5 V DC (Standard) | | **Power Input (R)** | 24 V DC | | **Accuracy** | ±0.1% | | **Isolation** | 3-way (Input to Output to Power) | | **Mounting** | Socket mounted (usually 8-pin or 11-pin) | ### Component Breakdown 1. **Input Circuitry:** Designed to handle current loops (4-20mA). It often includes a precision shunt resistor to convert current into a measurable voltage for the internal processing unit. 2. **Isolation Barrier:** Uses **optical or transformer isolation**. This protects the control system (PLC/DCS) from high-voltage surges or ground loops present at the field sensor side. 3. **Output Driver:** An operational amplifier circuit that scales the processed signal to a stabilized 1–5 V DC output, capable of driving high-impedance loads. 4. **Power Supply (24V DC):** The "R" suffix indicates a 24V DC power requirement. It includes internal filtering to prevent electromagnetic interference (EMI). --- ## Part Number Decoding Understanding the nomenclature helps identify the exact hardware configuration: * **M2VF2**: Model series (V-series transmitter/isolator). * **3**: Input code (e.g., 4-20 mA DC). * **E**: Output code (e.g., 1-5 V DC). * **R**: Power supply code (24V DC). --- ## Wiring Diagram (Typical) The internal electronic routing follows this logic: ```text [Field Sensor] ----> [Input Terminals] ----> [Isolation Stage] ----> [Output Terminals] ----> [PLC/Controller] ^ ^ |__________________[ 24V DC Power ]___________| ``` ### Pin Configuration (Common 8-pin) | Pin No. | Connection | |:---:|:---| | 1 | Output (+) | | 2 | Output (-) | | 4 | Input (+) | | 5 | Input (-) | | 7 | Power U (+) | | 8 | Power V (-) | --- ## Application Use Case This part is used when a field instrument provides a **current** signal, but the input card of the receiving controller (like an older PLC or a specific data logger) only accepts **voltage** signals. The electronic isolation ensures that any electrical noise at the sensor does not travel back to the sensitive control electronics.
    ✨ Follow-up Questions
    • ⤷ What is the difference between optical and transformer isolation in these modules?
    • ⤷ Can the M2VF2-3E-R be mounted on a DIN rail?
    • ⤷ What are the common failure modes for this signal conditioner?