Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VF2-44W-R2SLASHUL

  • AI
    The **M2VF2-44W-R2/UL** is a specialized high-performance industrial cooling fan assembly, typically manufactured by companies like **Sanyo Denki** (San Ace line) or similar high-end thermal management firms. This model is characterized by its high-voltage AC input and variable frequency capabilities. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage** | 200V - 230V AC (Standard Industrial Range) | | **Frequency** | 50/60 Hz | | **Power Rating** | Approximately 44W | | **Safety Certification** | UL (Underwriters Laboratories) Recognized | | **Bearing Type** | Dual Ball Bearing (for long life and high reliability) | | **Frame Material** | Die-cast Aluminum (provides heat dissipation and rigidity) | --- ### 2. Internal Electronic Components The "R2" designation often implies specific wiring configurations or internal controller revisions. Below are the primary electronic components found within this unit: #### A. The Brushless DC (BLDC) Core Despite being an AC fan, many high-efficiency models like this use an internal **AC-to-DC Converter**. * **Rectifier Bridge:** Converts the 230V AC input into a high-voltage DC bus. * **Inverter Circuit:** Uses MOSFETs or IGBTs to switch the DC power back into three-phase pulses to drive the motor. #### B. Permanent Magnet Rotor Unlike standard shaded-pole AC fans, these units use permanent magnets. This allows for: * **Synchronous Operation:** The fan speed is precisely controlled by the internal frequency. * **Lower Heat Generation:** Higher efficiency means the fan itself contributes less heat to the system it is cooling. #### C. Control and Protection Circuitry The "R" in the suffix often relates to specific sensor outputs or control logic: * **Locked Rotor Protection:** An internal circuit that cuts power to the coils if the blades are obstructed, preventing the motor from burning out. * **Auto-Restart:** Automatically attempts to spin up again once the obstruction is cleared. * **Tachometer/Alarm (Optional):** Some versions include a third/fourth wire to provide a pulse-per-revolution signal to a PLC or motherboard for health monitoring. --- ### 3. Application Areas Due to its 44W power draw (which is quite high for a compact fan) and UL rating, it is commonly found in: 1. **Server Enclosures:** Providing high static pressure to move air through dense drive arrays. 2. **Industrial Inverters:** Cooling the power electronics in motor drives. 3. **Medical Equipment:** Where reliability and UL safety standards are non-negotiable. ---
    ✨ Follow-up Questions
    • ⤷ What are the wiring color codes for the M2VF2-44W-R2 power and signal lines?
    • ⤷ How does the 'R2' designation differ from the standard 'R' model in this series?
    • ⤷ What is the rated airflow (CFM) and noise level (dB) for this specific fan?