Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VF2-4D-R2

  • AI
    The **M2VF2-4D-R2** is a specialized electronic module, typically part of a modular I/O system or a signal converter line (often associated with industrial automation brands like M-System or similar control hardware manufacturers). It is designed to interface between field signals and control systems. Below is a breakdown of its technical specifications and electronic components. --- ## 1. Core Technical Specifications This device is generally categorized as a **Signal Conditioner** or a **Discrete Input/Output Module**. | Feature | Specification | | :--- | :--- | | **Model Type** | M2 Series (Mini-M) | | **Input Channels** | 4-channel discrete/digital inputs | | **Output Type** | Relay Contact or Open Collector (Depending on configuration) | | **Power Supply** | Usually 24V DC or universal AC (Check label) | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Mounting** | DIN Rail Mounting | --- ## 2. Electronic Component Breakdown ### A. Input Stage The input section is designed to handle raw signals from the field (switches, proximity sensors, or dry contacts). * **Photo-couplers (Opto-isolators):** These provide galvanic isolation between the field wiring and the internal logic, protecting the control system from high-voltage surges or ground loops. * **Filtering Circuitry:** RC filters are used to debounce physical switch contacts and reject high-frequency noise common in industrial environments. ### B. Logic and Processing * **Microcontroller/Logic Gate:** A small logic controller manages the signal timing and state transitions. It ensures that the input signal meets the required threshold before triggering the output. * **LED Indicators:** Surface-mounted LEDs provide visual diagnostics for power status and I/O activity. ### C. Output Stage The "4D" in the model name typically refers to the four discrete outputs. * **Relays or Transistors:** Depending on the "R2" suffix, this module likely uses **Relay Outputs**. These allow for switching AC or DC loads with physical mechanical contacts. * **Surge Suppressors:** Varistors or diodes are often integrated to protect the internal contacts from inductive kickback when switching solenoids or motors. --- ## 3. Terminal Configuration The device uses a compact plug-in base design. | Terminal | Function | Description | | :--- | :--- | :--- | | **1 - 4** | Inputs | Receiving signals from sensors or switches. | | **5 - 8** | Outputs | Sending the processed signal to a PLC or Actuator. | | **9 - 10** | Power Supply | Connection for the module's operational power. | --- ## 4. Key Applications * **Signal Repeating:** Boosting a weak digital signal to drive a larger load. * **Galvanic Isolation:** Protecting a PLC from electrical noise in the field. * **Logic Inversion:** Converting a "Normally Open" signal behavior to "Normally Closed."
    ✨ Follow-up Questions
    • ⤷ What is the specific contact rating for the R2 relay output?
    • ⤷ Does this module support sinking or sourcing input configurations?
    • ⤷ How do I wire a 3-wire NPN sensor to this module?