Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VF2-4W2-R

  • AI
    Based on your inquiry, the **M2VF2-4W2-R** is an **M2V series signal conditioner** (specifically a transmitter) manufactured by **M-System**. These devices are used in industrial automation to convert, isolate, and transmit analog signals. --- ## 1. Technical Specifications The model code `M2VF2-4W2-R` defines the specific electronic configuration of the unit: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Input Signal** | 4 – 20 mA DC | Standard industrial current loop input. | | **Output 1** | 1 – 5 V DC | Low impedance voltage output. | | **Output 2** | 4 – 20 mA DC | Second independent current loop output. | | **Power Input** | 24V DC | Standard DC power supply requirement. | | **Configuration** | Dual Output | This unit provides two isolated outputs from one input. | --- ## 2. Key Electronic Components & Architecture The device functions through several internal stages to ensure signal integrity: ### A. Input Stage * **Precision Resistor:** Converts the incoming 4-20mA current into a voltage for internal processing. * **Surge Protectors:** Protects the internal circuitry from high-voltage spikes on the input line. ### B. Isolation Barrier * **Optoisolators/Transformers:** The "R" in the series often signifies high-reliability isolation. This separates the Input, Output 1, Output 2, and Power circuits from each other (4-way isolation) to prevent ground loops. ### C. Output Stage * **Operational Amplifiers (Op-Amps):** Used to scale and buffer the signals to the specific 1-5V and 4-20mA ranges. * **Zero/Span Adjustments:** Potentiometers located on the front panel allow for fine-tuning the electronic calibration. --- ## 3. Terminal Connection Map The M2VF2 utilizes a plug-in base for wiring: | Terminal No. | Function | | :--- | :--- | | **1 & 2** | Input (+) and (-) | | **3 & 4** | Output 1 (+) and (-) | | **5 & 6** | Output 2 (+) and (-) | | **7 & 8** | Power Supply (24V DC) | --- ## 4. Operational Summary The electronic design is intended for **Signal Splitting**. It takes a single 4-20mA sensor signal and provides two separate signals: one for a local display or PLC (1-5V) and another for a remote monitoring station (4-20mA), ensuring that a fault in one output circuit does not affect the other.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the Zero and Span on this specific model?
    • ⤷ What is the dielectric strength of the isolation barrier?
    • ⤷ Can I use an AC power source with the R-suffix version?