Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VF2-4W2-R2

  • AI
    Based on the technical nomenclature, the **M2VF2-4W2-R2** belongs to a series of **Signal Conditioners** (specifically from the M2 Series by M-System/MG CO., LTD). These are plug-in type components used in industrial automation to convert or isolate analog signals. --- ## 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Component Type** | V-Network Mixing Type Signal Conditioner | | **Input Type** | DC Current or Voltage (based on wiring/configuration) | | **Output Type** | Dual (2) Isolated Outputs | | **Power Input** | 100 – 240V AC (Standard R2 designation) | | **Mounting** | Plug-in socket (Surface or DIN rail) | | **Isolation** | Input to Output 1 to Output 2 to Power | --- ## 2. Part Number Breakdown The alphanumeric string defines the specific hardware configuration: | Segment | Meaning | Details | | :--- | :--- | :--- | | **M2VF2** | Model Series | V-Network Mixing Signal Conditioner (Calculates sum/difference). | | **4W** | Input | 4 to 20 mA DC (Standard current loop). | | **2** | Output 1 | 1 to 5V DC (Voltage output). | | **R2** | Power Supply | 100V – 240V AC (Universal AC power). | --- ## 3. Core Electronic Functions ### A. Signal Isolation The unit uses high-performance galvanic isolation between the input circuit, output circuits, and the power supply. This prevents ground loops and protects sensitive PLC/DCS equipment from electrical surges on the field side. ### B. Signal Conversion It converts a standard industrial current loop (4-20mA) into a voltage signal (1-5V). This is essential when field sensors provide current, but the receiving controller only accepts voltage. ### C. Dual Output (Splitter) The "2" in the suffix usually denotes that the device provides two independent, isolated outputs. This allows one signal to be sent to a local display and the second to a remote control system simultaneously without interference. --- ## 4. Typical Connection Diagram ```mermaid graph LR A[Field Sensor 4-20mA] --> B[M2VF2 Input] B --> C[Output 1: 1-5V DC to PLC] B --> D[Output 2: 1-5V DC to Chart Recorder] E[100-240V AC Power] --> B ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the wiring pinouts for the M2VF2 socket?
    • ⤷ How do I calibrate the Zero and Span for this model?
    • ⤷ Can this unit be used with a 24V DC power supply instead of AC?