Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VF2-4W5-R2SLASHCE

  • AI
    Based on the part number provided, this appears to be a specific configuration of a **Signal Conditioner or Isolated Transmitter**, typically manufactured by companies like **M-System** (now MG CO., LTD). The **M2VF2** series is a high-speed, plug-in signal conditioner designed to convert DC input signals into isolated DC output signals. --- ### 1. Part Number Breakdown The nomenclature can be broken down into the following electronic specifications: | Code Segment | Description | Specific Detail | | :--- | :--- | :--- | | **M2VF2** | Model Series | Ultra-High Speed Signal Conditioner (Isolator) | | **4W** | Input Type | 4 to 20 mA DC (Current Input) | | **5** | Output Type | 0 to 5V DC (Voltage Output) | | **R2** | Power Supply | 100 – 240V AC (Standard Mains) | | **CE** | Certification | CE Marking (European Conformity) | --- ### 2. Key Electronic Specifications These units are used in industrial automation to prevent ground loops and protect sensitive PLC/DCS inputs. * **Isolation:** 3-way isolation (Input to Output to Power). * **Response Time:** Typically very fast (approx. 25 microseconds to 500 microseconds depending on settings), making it suitable for high-speed control loops. * **Accuracy:** Generally ±0.1% of span. * **Construction:** Plug-in socket structure for easy maintenance and replacement without rewiring the base. --- ### 3. Wiring Configuration The device typically uses a standard 8-pin or 11-pin base. Below is a generic representation of the connection points: | Pin Type | Function | Description | | :--- | :--- | :--- | | **Input (+/-)** | Signal Source | Connected to the 4-20mA sensor or controller. | | **Output (+/-)** | Scaled Signal | Provides the 0-5V DC signal to the receiving device. | | **Power (L/N)** | Mains Supply | 100-240V AC input to power the internal circuitry. | --- ### 4. Application Example ```python # Logic Flow of the M2VF2-4W5 Input_Signal = "4-20mA Current Loop" Isolation_Barrier = "Magnetic/Optical Coupling" Output_Signal = "0-5V DC Voltage" def signal_conversion(ma_input): # Mapping 4mA -> 0V and 20mA -> 5V voltage_out = (ma_input - 4) * (5 / 16) return voltage_out ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum isolation voltage for the M2VF2 series?
    • ⤷ Does this model support DIN rail mounting?
    • ⤷ Are there specific calibration potentiometers for Zero and Span adjustments?