Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VF2-4WD-R2/CE

  • AI
    The **M2VF2-4WD-R2/CE** is a specialized industrial motor drive (Inverter) from the **M2VF series**, typically manufactured by companies like **Meidensha (Meiden)**. These units are high-performance vector control inverters used primarily for controlling 3-phase induction motors in automation and heavy machinery. --- ### 1. Technical Specifications Table The electronic architecture is defined by the following core parameters: | Parameter | Specification Details | | :--- | :--- | | **Model Type** | M2VF2-4WD-R2/CE | | **Input Voltage** | 3-Phase 380V - 480V AC (Standard Industrial Range) | | **Drive Method** | High-performance Sensorless Vector Control / V/f Control | | **Cooling System** | Forced Air Cooling (Internal Fans) | | **Certification** | CE Marked (Meets European Safety/EMC Standards) | | **Output Frequency** | 0.1 Hz to 400 Hz (Application dependent) | --- ### 2. Key Electronic Components & Subsystems The internal electronics are divided into several functional blocks: #### A. Power Section (The Inverter Bridge) * **IGBT Modules:** Uses Insulated Gate Bipolar Transistors to convert DC bus voltage into a Pulse Width Modulated (PWM) AC output. * **Diode Rectifier:** Converts the incoming 3-phase AC power into a stable DC voltage. * **DC Bus Capacitors:** Large electrolytic capacitors used for smoothing the rectified voltage and energy storage. #### B. Control & Logic Board * **Microprocessor (MCU/DSP):** The "brain" that calculates vector algorithms, handles PID loops, and manages motor protection logic. * **Gate Driver ICs:** Opto-isolated components that provide the necessary voltage levels to switch the high-power IGBTs based on low-voltage signals from the MCU. #### C. Communication & I/O * **Terminal Block:** Provides interfaces for Digital Inputs (Start/Stop), Analog Inputs (Speed Reference), and Relay Outputs (Fault signaling). * **Feedback Interface:** Supports PG (Pulse Generator/Encoder) cards for closed-loop vector control if high precision is required. --- ### 3. Distinctive Electronic Features * **Regenerative Braking Support:** The "R2" designation often implies enhanced regenerative capabilities or specific resistor configurations for dissipating energy during motor deceleration. * **Protective Circuitry:** Electronic protection against Overcurrent, Overvoltage, Undervoltage, Overheating, and Ground Faults. * **EMC Filtering:** The "CE" designation indicates the inclusion of electronic noise suppression to prevent interference with other sensitive equipment on the same grid. --- ### 4. Typical Applications * High-torque conveyor systems. * Winding and unwinding machinery. * Industrial fans and pumps requiring precise flow control. * Automated production lines where synchronization is critical.
    ✨ Follow-up Questions
    • ⤷ How do I troubleshoot an Overcurrent (OC) fault on the M2VF2 series?
    • ⤷ What is the specific wiring diagram for the 'R2' regenerative braking unit?
    • ⤷ Can this inverter be integrated into a Modbus or Profibus network?