Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VF2-4WE-R

  • AI
    The **M2VF2-4WE-R** is a specific model within a series of signal conditioners/transmitters, typically manufactured by companies like **M-System**. These devices are used in industrial automation to convert, isolate, and transmit electrical signals. --- ### 1. General Specifications The model name follows a specific nomenclature that defines its electronic capabilities. Below is a breakdown of the parts and their meanings: | Component Code | Description | | :--- | :--- | | **M2VF2** | **Model Series**: Ultra-slim signal conditioner (V-Unit series). Specifically a variable output type or specialized transmitter. | | **4** | **Input Signal**: Typically represents a 4–20 mA DC input. | | **W** | **Output 1 & 2**: Indicates "Dual Output." This device can split one input into two independent output signals. | | **E** | **Output Signal Type**: Often signifies a 1–5 V DC output for both channels. | | **R** | **Power Input**: Represents 24V DC power supply requirement. | --- ### 2. Key Electronic Features The M2VF2 series utilizes several critical electronic sub-systems to ensure signal integrity: * **Galvanic Isolation:** The device provides 3-way isolation (Input to Output to Power). This prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges on the field side. * **Signal Conversion:** It utilizes high-precision operational amplifiers and A/D converters to transform a current loop (4-20mA) into a stable voltage signal (1-5V). * **Zero/Span Adjustment:** On the front panel, there are typically multi-turn potentiometers. These allow fine-tuning of the electronic calibration to compensate for sensor drift. * **Response Time:** These units are designed for high-speed processing, usually offering a response time of ≤ 0.5 seconds (90% response). --- ### 3. Application Use-Case In an industrial environment, the M2VF2-4WE-R acts as a bridge between a field sensor and a control system. 1. **Input:** Receives a 4-20mA signal from a flow meter or pressure transmitter. 2. **Processing:** The internal circuitry filters noise and isolates the signal. 3. **Output:** It provides two identical 1-5V signals—one for a local display (HMI) and one for the main controller (PLC). --- ### 4. Technical Summary Table | Feature | Specification | | :--- | :--- | | **Construction** | Plug-in / DIN Rail Mount | | **Isolation Resistance** | 100 MΩ or more (at 500V DC) | | **Dielectric Strength** | 2000V AC @ 1 minute | | **Accuracy** | ±0.1% of span | | **Power Consumption** | Approx. 3W | ---
    ✨ Follow-up Questions
    • ⤷ What is the pin configuration for the M2VF2-4WE-R wiring?
    • ⤷ Can this model be used with an AC power supply instead of 24V DC?
    • ⤷ How do I calibrate the span and zero settings on this specific unit?