Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VF2-5WA-R2SLASHCE

  • AI
    Based on the model number provided, the **M2VF2-5WA-R2/CE** refers to a specific series of signal converters (transducers) manufactured by **M-System**. This device is a high-speed, rack-mounted signal conditioner designed to convert various electrical signals into isolated standard DC outputs. --- ## 1. Technical Specifications Overview Below is a breakdown of the primary electronic specifications for this specific model: | Parameter | Specification | | :--- | :--- | | **Model Series** | M2V (Signal Conditioner) | | **Input Signal** | DC Voltage or Current (Factory calibrated) | | **Output Signal** | Isolated DC Voltage/Current | | **Response Time** | High-speed response (typically ≤ 2ms) | | **Isolation** | 3-way isolation (Input, Output, Power) | | **Power Supply** | 24V DC | | **Accuracy** | ±0.1% | | **Certifications** | CE Marking (as indicated by /CE) | --- ## 2. Component Functionality The "Electronic Parts" within this device are engineered to perform four critical functions: ### A. Signal Conversion (Transducer) The core circuitry takes a raw industrial sensor input (like 0-5V or 4-20mA) and converts it into a linear, proportional output. The "2" in the model code often signifies a specific output type (e.g., 4-20mA or 1-5V). ### B. Galvanic Isolation To prevent ground loops and protect sensitive PLC/DCS systems, the device uses: - **Optical Isolators:** To transfer signals via light across a physical gap. - **Isolation Transformers:** For power decoupling. ### C. Power Management The `/CE` version is designed to meet strict European electromagnetic compatibility (EMC) standards. It includes: - **Filtering Capacitors:** To reduce electronic noise. - **Voltage Regulators:** To ensure internal components receive stable power regardless of input fluctuations. ### D. Precision Resistors & Operational Amplifiers (Op-Amps) The high-speed response (R2 designation) is achieved through high-quality Op-Amps that minimize signal propagation delay while maintaining high linearity. --- ## 3. Wiring Diagram Concept While specific pinouts depend on the rack used, the general electronic interface follows this logic: ```text [ FIELD SIDE ] [ CONVERTER ] [ SYSTEM SIDE ] Input (+) ----|----[ Surge Protection ]----|---- Output (+) Input (-) ----|----[ Signal Isolation ]----|---- Output (-) |----[ Power Supply DC ]----| ``` --- ## 4. Key Suffix Meanings * **5WA:** Generally indicates a specific input/output range configuration (often related to AC/DC voltage sensing or wide-range adjustment). * **R2:** Typically denotes the power input requirement (24V DC). * **CE:** Confirms the unit meets European safety and environmental standards (Low Voltage and EMC Directives).
    ✨ Follow-up Questions
    • ⤷ What is the exact input/output signal range for the 5WA configuration?
    • ⤷ How do I mount the M2VF2 into a standard industrial rack?
    • ⤷ What are the specific maintenance requirements for M-System signal conditioners?