Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VF2-A4-R

  • AI
    The **M2VF2-A4-R** is a specific industrial component, typically part of a **Profinet or Fieldbus Remote I/O system** (often associated with manufacturers like Turck or similar industrial automation providers). Specifically, it is a high-density I/O module designed for integration into modular fieldbus stations. Below is an explanation of its electronic architecture and specifications. --- ### 1. General Overview The M2VF2-A4-R serves as a bridge between field-level sensors/actuators and a PLC (Programmable Logic Controller). It is designed to handle analog or digital signals depending on the specific sub-series configuration. ### 2. Electronic Specifications | Feature | Description | | :--- | :--- | | **I/O Type** | Typically 4-channel Analog Output (Voltage/Current) | | **Resolution** | 16-bit internal processing | | **Communication** | Internal backplane bus (Module-to-Gateway) | | **Power Consumption** | Low wattage (typically < 1.5W from the module bus) | | **Protection** | Short-circuit protection and reverse polarity protection | | **Isolation** | Galvanic isolation between field electronics and system bus | ### 3. Key Electronic Sub-systems #### A. Digital-to-Analog Conversion (DAC) The core of the module contains a high-precision **16-bit DAC**. This allows the controller to send a digital value (e.g., 0 to 65535) which the module converts into a physical voltage (0–10V) or current (4–20mA) to control devices like valves or motor drives. #### B. Signal Conditioning The electronic path includes filters to remove electromagnetic interference (EMI) commonly found in industrial environments. This ensures that the output signal remains stable even near high-voltage machinery. #### C. Diagnostics Circuitry The "R" in the suffix often denotes **Redundancy** or **Enhanced Diagnostics**. The electronics monitor: * **Open Circuit:** Detection if the wire to the actuator is broken. * **Short Circuit:** Protection against wiring errors. * **Overload:** Monitoring if the connected load exceeds the module's capacity. ### 4. Physical and Connection Interface The module uses a specialized connector system to interface with a base plate (Rack). ```text [ System Bus ] <--> [ Microcontroller ] <--> [ Isolation Barrier ] <--> [ DAC / Op-Amps ] <--> [ Field Terminals ] ``` --- ### Summary of Benefits 1. **High Accuracy:** Due to the 16-bit resolution. 2. **Modularity:** Can be "hot-swapped" in many configurations without powering down the entire system. 3. **Industrial Ruggedness:** Electronics are encapsulated to withstand vibration and temperature fluctuations.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the M2VF2-A4-R terminals?
    • ⤷ Which PLC brands are most compatible with this specific I/O module?
    • ⤷ How do I configure the 4-20mA range vs the 0-10V range in the software?