Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VF2-A4W-R2

  • AI
    The **M2VF2-A4W-R2** is a specific electronic signal converter, typically manufactured by **M-System** (now part of MG CO., LTD). This device belongs to the M2 series and is designed for high-density mounting to convert analog input signals into isolated analog output signals. --- ### 1. Model Code Breakdown The model number specifies the exact electrical characteristics of the unit: | Code Segment | Description | Specific Value for this Model | | :--- | :--- | :--- | | **M2VF2** | Series/Base Type | V-Network Signal Conditioner (Isolator) | | **A** | Input Signal | 4 – 20 mA DC | | **4W** | Output Signal | 4 – 20 mA DC | | **R** | Power Input | 24V DC | | **2** | Isolation / Housing | 4-way isolation (Power/Input/Output1/Output2) | --- ### 2. Key Technical Specifications This device acts as a buffer and isolator to prevent ground loops and protect sensitive PLC/DCS equipment from high-voltage surges. * **Input Impedance:** Approximately 250 $\Omega$ for the 4-20mA input. * **Output Drive:** Capable of driving loads up to 550 $\Omega$. * **Response Time:** $\leq$ 0.5 seconds (0 – 90%). * **Accuracy:** $\pm$0.1% of span. * **Mounting:** DIN rail mounting (Plug-in base). * **Isolation:** 2000V AC @ 1 minute (Input to Output to Power to Ground). --- ### 3. Connection Terminal Map Standard wiring for the M2VF2 series usually follows this pin configuration on the base socket: | Terminal No. | Function | Description | | :--- | :--- | :--- | | **1** | Output 1 (+) | Positive Analog Output | | **2** | Output 1 (-) | Negative Analog Output | | **3** | Output 2 (+) | Positive Analog Output (if dual) | | **4** | Output 2 (-) | Negative Analog Output (if dual) | | **5** | Input (+) | 4-20mA Signal In | | **6** | Input (-) | Signal Return | | **7** | Power (U) | +24V DC | | **8** | Power (V) | 0V DC | --- ### 4. Application Use Case The **M2VF2-A4W-R2** is most commonly used in industrial automation environments (Oil & Gas, Water Treatment, Manufacturing) to: 1. **Duplicate a Signal:** Taking one 4-20mA sensor signal and splitting it into two isolated outputs (e.g., one for a local display and one for a remote PLC). 2. **Noise Mitigation:** Eliminating "Ground Loops" that occur when different pieces of equipment are grounded at different potentials. 3. **Impedance Matching:** Boosting the signal strength to drive a long-distance loop.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the zero and span on this unit?
    • ⤷ What is the difference between the M2VF and the M2RS series?
    • ⤷ Can this unit be used with a 2-wire transmitter that requires loop power?