Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VF2-AD-R2/CE

  • AI
    The **M2VF2-AD-R2/CE** is a high-precision Signal Conditioner (Transducer) manufactured by **M-System**. Its primary function is to convert a DC voltage input into two isolated DC output signals. --- ### 1. Technical Specifications Overview | Feature | Specification | | :--- | :--- | | **Model Series** | M2 (Mini-M) Series | | **Input Signal** | DC Voltage (Configurable) | | **Output 1 & 2** | DC Voltage or Current (Dual Independent Outputs) | | **Power Input (R2)** | 110V - 240V AC | | **Accuracy** | ±0.1% | | **Isolation** | 3-Way (Input to Output to Power) | | **Mounting** | DIN Rail Mounting | | **Certification** | CE Marking | --- ### 2. Breakdown of the Model Number (Coding) Understanding the electronic configuration via the suffix codes: * **M2**: Series name (Plug-in Signal Conditioners). * **VF2**: Function identifier (V-Network/Voltage Input to Dual Output). * **AD**: Designates the specific input/output ranges (Standard factory default or customer-specified range). * **R2**: Power Supply code. `R2` indicates a wide-range AC power supply (100–240V AC). * **CE**: Compliance code, indicating the unit meets European Safety and EMC standards. --- ### 3. Key Electronic Components & Internal Design The M2VF2 utilizes a sophisticated internal architecture to ensure signal integrity in industrial environments: * **Isolation Transformer:** Provides 2000V AC galvanic isolation. This prevents ground loops and protects sensitive PLC/DCS inputs from high-voltage surges on the field side. * **A/D and D/A Converters:** High-resolution converters ensure that the analog signal is processed digitally with minimal drift, allowing for the ±0.1% accuracy rating. * **Zero/Span Adjustments:** Located on the front panel, these are multi-turn potentiometers used to calibrate the output levels relative to the input. * **Filtering Circuitry:** Integrated low-pass filters reduce high-frequency electromagnetic interference (EMI) commonly found in industrial settings. --- ### 4. Application Use-Case This device is typically used when one sensor (e.g., a 0-10V pressure transducer) needs to send its data to two different locations simultaneously, such as: 1. **Output 1:** To a Local Display/HMI. 2. **Output 2:** To a remote PLC or SCADA system for data logging. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for the dual output pins?
    • ⤷ How do I perform a zero/span calibration on this specific model?
    • ⤷ Can this unit be powered by 24V DC instead of 110/240V AC?