Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VF2-AE-R2/CE

  • AI
    The **M2VF2-AE-R2/CE** is a high-performance industrial M.2 module, typically used in embedded computing, edge AI, and industrial automation. It is part of a series of video capture or interface expansion cards designed for the M.2 (NGFF) form factor. Below is a breakdown of its electronic specifications and technical features. --- ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Form Factor** | M.2 2280 (80mm x 22mm) | | **Interface** | PCIe Gen2 x2 or x4 (depending on specific revision) | | **Main Chipset** | Typically utilizes a bridge controller or dedicated video encoder/decoder | | **Connector** | M-Key or B+M Key (Check specific slot compatibility) | | **Power Consumption** | Low power design, usually < 5W | --- ### 2. Key Electronic Components The device is composed of several critical integrated circuits (ICs) and passive components: * **PCIe Bridge Controller:** Manages the communication between the host CPU and the module's specialized functions. * **Voltage Regulator Modules (VRM):** Converts the 3.3V supplied by the M.2 slot into lower voltages (e.g., 1.8V, 1.2V) required by the onboard processors. * **Flash Memory:** Small EEPROM or SPI Flash used to store firmware and configuration data. * **I/O Interface:** Depending on the exact sub-model, this may include high-density connectors for video input (HDMI/SDI) or specialized sensors. --- ### 3. Functional Features The "CE" suffix typically indicates compliance with European safety and electromagnetic compatibility standards. 1. **Video Processing:** Often used for H.264/H.265 hardware encoding or decoding to offload tasks from the main CPU. 2. **Industrial Durability:** Designed with wide-temperature components to operate in environments ranging from -20°C to +70°C. 3. **Signal Integrity:** Uses multi-layer PCB design to minimize electromagnetic interference (EMI) and ensure high-speed data stability. --- ### 4. Pinout and Connectivity The M.2 interface follows the standard pin assignment for PCIe-based modules: * **Pins 1-75:** Includes Ground, 3.3V Power, PCIe TX/RX differential pairs, and REFCLK (Reference Clock). * **External Header:** Many "AE" series modules include a small flat-flex cable (FFC) or micro-coaxial header to output/input signals that cannot fit on the M.2 edge connector. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific video input resolution supported by this module?
    • ⤷ Which drivers are required for M2VF2 series modules on Linux vs Windows?
    • ⤷ Does this card support hardware-based H.265 encoding?