Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VF2-B4-R

  • AI
    The **M2VF2-B4-R** is a specific model within the **M2V Series** of signal conditioners (transmitters) manufactured by **M-System**. It is designed to convert a standard DC input signal into two isolated DC output signals. --- ### ## 1. Part Number Breakdown Understanding the specific configuration of the **M2VF2-B4-R** model: | Code | Component | Specification | |:---|:---|:---| | **M2VF2** | Model Series | Mini-M Series Signal Conditioner (2nd Output) | | **B** | Input | 2 – 10 V DC | | **4** | Output 1 | 0 – 10 V DC | | **-** | Separation | Divider | | **R** | Power Supply | 24V DC | *Note: The second output (Output 2) for this series is typically 4 – 20 mA DC by default, though it depends on internal jumper settings or specific sub-ordering codes.* --- ### ## 2. Core Electronic Components & Architecture The device is an analog signal conditioner built with a focus on precision and isolation. Its internal electronic architecture consists of four main blocks: 1. **Input Conditioning Stage:** * Uses high-impedance operational amplifiers to read the 2–10V DC signal without loading the source. * Includes surge protection and filtering circuits to remove high-frequency noise. 2. **Isolation Barrier:** * Utilizes an **Optocoupler** or **Transformer-based isolation** to electrically separate the Input, Output, and Power circuits (3-way isolation). * This prevents ground loops and protects sensitive equipment from high-voltage transients. 3. **Signal Splitter & Output Stage:** * The circuit splits the signal into two paths. * **Output 1:** Scaled to 0–10V DC. * **Output 2:** Converted to the secondary signal (usually current). 4. **Power Supply Unit (PSU):** * Designed for 24V DC input. * Features an internal DC-DC converter to provide stable voltage rails for the internal op-amps and isolation circuits. --- ### ## 3. Technical Specifications | Feature | Specification | |:---|:---| | **Input Impedance** | 1 MΩ minimum | | **Output Load Resistance** | 10 kΩ minimum (for 0-10V output) | | **Accuracy** | ±0.1% | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Isolation Resistance** | 100 MΩ @ 500V DC | | **Dielectric Strength** | 2000V AC @ 1 minute (Input to Output to Power) | | **Mounting** | DIN Rail (plug-in base) | --- ### ## 4. Application Logic The electronic circuitry is primarily used in industrial automation (PLC/DCS systems) to: * **Scale Signals:** Convert a non-standard 2-10V range to a standard 0-10V range. * **Signal Duplication:** Send one signal to a local display and a duplicate isolated signal to a remote controller. * **Noise Mitigation:** Eliminate electromagnetic interference in long-distance signal transmission.
    ✨ Follow-up Questions
    • ⤷ What are the wiring pin assignments for the M2V series base socket?
    • ⤷ Can the output range of the M2VF2 be adjusted using internal potentiometers?
    • ⤷ What is the maximum power consumption of the M2VF2-B4-R?