Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VF2-B4W-R

  • AI
    The **M2VF2-B4W-R** is a specific model within the **M2VF2 series** of signal converters (often categorized as signal isolators or transmitters), typically manufactured by companies like **M-System**. Below is a breakdown of its electronic components, specifications, and functions. --- ## 1. Product Identification & Type This device is a **Variable Type Signal Conditioner**. It is designed to take an analog input (like voltage or current) and convert it into a standardized isolated output signal. | Feature | Specification | | :--- | :--- | | **Series** | M2VF2 (Ultra-slim Signal Conditioner) | | **Construction** | Plug-in / DIN Rail Mount | | **Isolation** | 3-way isolation (Input, Output, Power) | | **Adjustment** | Front-panel potentiometers (Zero/Span) | --- ## 2. Model Suffix Breakdown (B4W-R) The alphanumeric suffix determines the internal electronic configuration for inputs, outputs, and power requirements. | Suffix Component | Meaning / Description | | :---: | :--- | | **B** | **Input:** 1 to 5 V DC | | **4** | **Output:** 0 to 10 V DC | | **W** | **Output 2:** Dual output capability (often 4 to 20 mA or another 1–5V) | | **R** | **Power Input:** 24 V DC | --- ## 3. Key Electronic Components & Internal Functions The M2VF2-B4W-R utilizes several critical circuit stages to process the signal: ### A. Isolation Circuitry * **Optocouplers/Transformers:** To prevent ground loops and protect sensitive PLC/DCS inputs, the device provides galvanic isolation. * **Function:** It separates the high-voltage noise or surges on the field side from the control room side. ### B. Signal Conditioning Stage * **Operational Amplifiers (Op-Amps):** These precision components scale the input (1-5V) to the desired output range (0-10V). * **Potentiometers (Zero/Span):** These allow the user to manually calibrate the "Zero" point (starting voltage) and the "Span" (full-scale range) to ensure accuracy. ### C. Power Supply Unit (PSU) * **DC-DC Converter:** Since the device runs on 24V DC (the "R" suffix), it uses internal conversion to provide stable voltages to the internal logic and analog circuits, regardless of minor fluctuations in the main power line. ### D. Output Driver * **Voltage Buffer:** Ensures the 0-10V output signal can drive the connected load without voltage drops, maintaining signal integrity over the wire. --- ## 4. Technical Specifications | Parameter | Value | | :--- | :--- | | **Supply Voltage** | 24V DC (±10%) | | **Power Consumption** | Approx. 0.8W | | **Accuracy** | ±0.1% of span | | **Temperature Coefficient** | ±0.015% / °C | | **Response Time** | ≤ 0.5 seconds (0 - 90%) | | **Dielectric Strength** | 2000V AC @ 1 minute | --- ## 5. Typical Application This part is commonly used in industrial automation to: 1. **Level Conversion:** Converting a 1-5V sensor signal to a 0-10V PLC input. 2. **Signal Splitting:** Creating two independent outputs from one sensor input. 3. **Noise Mitigation:** Eliminating electrical interference through 2000V isolation.
    ✨ Follow-up Questions
    • ⤷ What are the wiring diagrams for the input and output terminals of the M2VF2?
    • ⤷ How do I calibrate the zero and span settings on this specific model?
    • ⤷ Can this device be used with a 4-20mA input instead of 1-5V?