Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VS-13-R2

  • AI
    The **M2VS-13-R2** is a high-performance **Signal Conditioner** (Isolator) manufactured by **M-System**. It is part of the M2-Series and is specifically designed to convert a DC input signal into a standard process signal, providing isolation between the input, output, and power supply. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Type** | DC Input Signal Conditioner (Mini-M Series) | | **Input** | Range selectable (e.g., 4–20mA, 0–10V, etc.) | | **Output** | Range selectable (Current or Voltage) | | **Power Input** | 100 – 240V AC | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Response Time** | Approx. 25 ms (0 – 90%) | | **Mounting** | DIN rail mounting | --- ### 2. Major Electronic Components & Functions The device is composed of several critical internal blocks that ensure precision and safety: #### A. Input Conditioning Circuit This section receives the raw sensor signal. It uses high-precision **resistors** and **operational amplifiers (Op-Amps)** to scale the signal. It often includes protection diodes to prevent damage from overvoltage. #### B. Isolation Barrier (The "Isolator") The "13" in the model name typically signifies the isolation configuration. * **Optocouplers / Transformer Isolation:** Uses light or magnetic fields to transfer the signal across a physical gap. * **Purpose:** This prevents "Ground Loops" and protects sensitive PLC/DCS equipment from high-voltage surges on the field side. #### C. Power Supply Module * **Switch-Mode Power Supply (SMPS):** Converts the 100-240V AC input into stable internal DC voltages (typically 5V or 15V) to power the internal logic. * **Filtering:** Includes capacitors and inductors to reduce electromagnetic interference (EMI). #### D. Output Driver This stage converts the processed signal back into the desired industrial standard (like 4-20mA). It is designed to drive specific loads (typically up to 550 ohms for current outputs). --- ### 3. Connection Diagram Overview | Terminal No. | Function | Description | | :--- | :--- | :--- | | **1 & 2** | Output | Positive (+) and Negative (-) | | **4 & 5** | Input | Signal from Field/Sensor | | **7 & 8** | Power | 100–240V AC Supply | --- ### 4. Why use the M2VS-13-R2? 1. **Noise Reduction:** By isolating the input and output, it eliminates electrical noise that can distort data. 2. **Signal Matching:** It can convert a 0-5V signal into a 4-20mA signal (or vice-versa) to make different machines compatible. 3. **Space Efficiency:** The "Mini-M" series is extremely slim, allowing for high-density installation in control panels.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the Zero and Span on the M2VS-13-R2?
    • ⤷ What is the difference between the M2VS and the M2RS models?
    • ⤷ Can this device handle bipolar signals like -10V to +10V?