Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VS-153-R

  • AI
    The **M2VS-153-R** is a high-performance **Signal Conditioner** (Isolator) manufactured by **M-System**. It is designed to accept a DC voltage or current input and provide an isolated DC output, typically used in industrial automation to prevent ground loops and protect sensitive control systems. --- ### 1. Key Technical Specifications The "M2VS-153-R" code defines the specific configuration of the device. Below is the breakdown of its electronics and rating: | Feature | Specification | | :--- | :--- | | **Model Series** | M2VS (Super-mini Signal Conditioner) | | **Input Signal** | 1 – 5 V DC | | **Output Signal** | 4 – 20 mA DC | | **Power Input (R)** | 24V DC | | **Isolation** | 3-way (Input to Output to Power) | | **Accuracy** | ±0.1% | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Mounting** | DIN Rail (plug-in base) | --- ### 2. Internal Electronic Architecture The device utilizes a sophisticated electronic chain to ensure signal integrity: 1. **Input Circuitry:** Features a high-impedance buffer to ensure it doesn't "load down" the source signal. 2. **Modulation & Isolation:** The analog signal is converted into a high-frequency pulse or digital signal. This signal is passed across a **transformer or optocoupler** to achieve electrical isolation (usually up to 2000V AC). 3. **Demodulation & Filtering:** On the output side, the signal is converted back to an analog form and filtered to remove high-frequency switching noise. 4. **Output Driver:** A precision current-loop driver (4-20mA) capable of driving loads up to 550 $\Omega$. --- ### 3. Electronic Protection & Standards * **Noise Suppression:** Equipped with filters to handle electromagnetic interference (EMI) commonly found in industrial environments. * **Zero/Span Adjustments:** Accessible from the front panel via multi-turn potentiometers, allowing for fine-tuning of the electronic calibration. * **Dielectric Strength:** Tested to withstand significant voltage spikes between terminals, protecting PLCs and DCS systems from field-side surges. --- ### 4. Wiring Diagram Overview | Terminal | Function | Description | | :--- | :--- | :--- | | **1 & 2** | Output (+) / (-) | 4-20 mA DC Signal | | **3 & 4** | Input (+) / (-) | 1-5 V DC Signal | | **5 & 6** | Power (+) / (-) | 24V DC Operating Power | ---
    ✨ Follow-up Questions
    • ⤷How do I calibrate the zero and span on the M2VS-153-R?
    • ⤷ What is the maximum load resistance supported for the 4-20mA output?
    • ⤷ Can this device be used with a 110V AC power source?