Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VS-AA-R2SLASHN

  • AI
    The **M2VS-AA-R2/N** is a specific model within the **M2 Series** of signal conditioners manufactured by **M-System**. This device is a semi-multi signal conditioner (isolator) designed to convert one type of analog signal into another while providing galvanic isolation. --- ### 1. Model Code Breakdown The alphanumeric string defines the specific electronic hardware configuration: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **M2VS** | Series/Model | Semi-multi Analog Input Signal Conditioner | | **-A** | Input Signal | 4 to 20 mA DC | | **-A** | Output Signal | 4 to 20 mA DC | | **-R2** | Power Input | 100 – 240V AC (Standard Mains) | | **-N** | Base Type | Screw terminal (Standard) | --- ### 2. Key Technical Specifications The electronics are designed for industrial precision and reliability in harsh environments. #### Electrical Parameters * **Isolation:** 3-way isolation (Input to Output to Power). * **Isolation Resistance:** 100 MΩ minimum with 500V DC. * **Dielectric Strength:** 2000V AC @ 1 minute (Input to Output to Power to Ground). * **Accuracy:** ±0.1% of span. * **Response Time:** ≤ 0.5 seconds (0 – 90%). #### Circuit Protection * **Line Surge:** Equipped with surge absorbers to protect against voltage spikes. * **Over-current:** Standard protection on the output loop. --- ### 3. Component Architecture Internally, the M2VS-AA-R2 consists of the following functional blocks: 1. **Input Conditioning Stage:** Receives the 4-20mA current. It typically uses a precision shunt resistor to convert current to a small voltage. 2. **Isolator Circuit:** This is the "heart" of the device. It uses an **optical isolator** or **transformer-based magnetic coupling** to pass the signal data across a physical gap, preventing electrical noise or ground loops from traveling through the system. 3. **Output Driver Stage:** Re-generates a clean 4-20mA signal based on the isolated data. It is designed to drive loads up to 550 Ω. 4. **Power Supply Unit (PSU):** A switching regulator that converts the 100-240V AC input into the internal DC voltages needed for the operational amplifiers and isolation circuitry. --- ### 4. Physical Build * **Housing:** Flame-resistant black resin. * **Mounting:** DIN rail mount. * **Adjustments:** Front-facing Zero and Span adjustments (potentiometers) for fine-tuning the calibration. ---
    ✨ Follow-up Questions
    • ⤷How do I calibrate the Zero and Span on the M2VS-AA-R2?
    • ⤷ What is the maximum allowable load resistance for the output signal?
    • ⤷ Can this model be used with a 24V DC power supply?