Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VS-AD-R2

  • AI
    The **M2VS-AD-R2** is a high-performance, ultra-slim signal conditioner (isolator/converter) manufactured by **M-System**. It is primarily used in industrial automation to convert a DC voltage input into a standardized DC output while providing galvanic isolation. --- ### 1. Key Technical Specifications | Feature | Specification | |:---|:---| | **Model Series** | M2V (Mini-M Series) | | **Input** | DC Voltage (Configurable, e.g., 0-10V, 1-5V) | | **Output** | DC Current or Voltage (Standard 4-20mA or 1-5V) | | **Power Input (R2)** | 24V DC (Operating range 24V ±10%) | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Dielectric Strength** | 2000V AC @ 1 minute | | **Mounting** | DIN Rail Mounting | --- ### 2. Internal Electronic Components & Construction The M2VS-AD-R2 utilizes several critical electronic subsystems to ensure signal integrity: #### A. Input Stage (Signal Conditioning) * **Precision Resistor Network:** Used to scale the incoming voltage to a level manageable by the internal circuitry. * **Operational Amplifiers (Op-Amps):** High-impedance buffers ensure that the device does not "load" the signal source, maintaining accuracy. #### B. Isolation Barrier (Galvanic Isolation) * **Transformer or Opto-coupler:** This is the core "electronic part" that separates the input, output, and power circuits. * **Purpose:** It prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges or electrical noise on the field side. #### C. Power Management (The "R2" Designation) * **DC/DC Converter:** Since the device runs on 24V DC, an internal switching regulator converts this voltage to provide stable, regulated power to the internal logic and the isolation stage. * **Filtering Capacitors:** High-grade electrolytic and ceramic capacitors are used to smooth ripples and suppress EMI (Electromagnetic Interference). #### D. Output Stage * **Current/Voltage Driver:** Translates the processed signal into a linear output (like 4-20mA). It is designed to handle specific load resistances (usually up to 550Ω for current loops). --- ### 3. Connection Diagram (General Layout) ```text [ FIELD SIDE ] [ ISOLATION ] [ CONTROL SIDE ] +--------------+ +-------------+ +----------------+ | Input Signal | ------> | Transformer | -----> | Output Signal | | (Term 1 & 2) | | Coupling | | (Term 4 & 5) | +--------------+ +-------------+ +----------------+ ^ | [ 24V DC Power ] [ (Term 7 & 8) ] ``` --- ### 4. Applications * **Ground Loop Elimination:** Resolving potential differences between field sensors and control rooms. * **Signal Conversion:** Converting a 0-10V sensor signal into a 4-20mA signal for long-distance transmission. * **Noise Reduction:** Filtering high-frequency noise from industrial environments before it reaches a PLC.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring terminal assignments for the M2VS-AD-R2?
    • ⤷ How does the 'R2' power specification differ from the 'M2' or 'K' versions?
    • ⤷ What is the maximum response time for this signal conditioner?