Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VS-CB-R2

  • AI
    The **M2VS-CB-R2** is a high-performance **Super-Mini Signal Conditioner** (specifically a Potentiometer Transmitter) manufactured by **M-System**. It is designed to take a variable resistance input (from a potentiometer) and convert it into a standardized isolated DC signal. --- ### 1. Key Electronic Specifications The "R2" suffix in the model name indicates specific power and signal characteristics. Below are the primary electronic parameters: | Component / Feature | Specification | |:--- |:--- | | **Input Signal** | Potentiometer (Total resistance 100 $\Omega$ to 10 k$\Omega$) | | **Output Signal** | 4 to 20 mA DC (Current Loop) | | **Power Input (R2)** | 11 to 27 V DC (Ripple 10% p-p max) | | **Isolation** | 3-Way (Input to Output to Power) | | **Isolation Strength** | 2000 V AC @ 1 minute | | **Accuracy** | ±0.1% of span | | **Response Time** | $\leq$ 0.5 seconds (0 to 90%) | --- ### 2. Functional Electronic Sections The device is composed of three primary electronic stages that ensure signal integrity: #### A. Input Stage (Potentiometer Interface) * **Reference Voltage:** The device provides a stable DC voltage across the external potentiometer. * **Sensing:** It measures the position of the wiper. Even if the total resistance of the potentiometer varies slightly due to temperature, the ratiometric measurement ensures accuracy. * **Burnout Protection:** Includes circuitry to detect if the wire snaps. It can be configured to drive the output Upscale or Downscale in case of a failure. #### B. Isolation Barrier * **Galvanic Isolation:** Uses optoisolators or transformer coupling to physically separate the input, output, and power circuits. * **Purpose:** This prevents "Ground Loops" which can destroy sensitive PLC inputs or introduce significant noise into the measurement. #### C. Output Stage (Current Driver) * **Precision Conversion:** Converts the processed internal signal into a linear 4-20mA current. * **Load Resistance:** Capable of driving loads up to 550 $\Omega$. * **Zero/Span Adjustments:** On the front panel, there are multi-turn trimmers to calibrate the 0% and 100% points. --- ### 3. Connection Diagram (Terminal Layout) The unit uses a plug-in socket base (typically M2 series) with the following typical pin assignments: | Terminal No. | Function | Description | |:---:|:--- |:--- | | **1** | Output (+) | Positive 4-20mA | | **2** | Output (-) | Negative 4-20mA | | **3** | Power (U) | +24V DC | | **4** | Power (V) | 0V DC | | **5** | Pot. High | Top end of potentiometer | | **6** | Pot. Wiper | Sliding contact | | **7** | Pot. Low | Bottom end of potentiometer | --- ### 4. Physical Characteristics * **Construction:** Small-footprint (Super-mini) design for DIN rail mounting. * **Material:** Flame-resistant black resin. * **LED Indicator:** A power LED indicates the presence of the DC supply voltage.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the Zero and Span on the M2VS-CB-R2?
    • ⤷ What is the maximum allowable cable length for the potentiometer input?
    • ⤷ Can this model be used with a 110V AC power source instead of DC?