Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VT-11-R2/CE

  • AI
    The **M2VT-11-R2/CE** is a high-performance **Mini-M series signal conditioner** (specifically a potentiometer transmitter) manufactured by M-System (now MG CO., LTD.). It is designed to interface with a potentiometer and convert its resistance position into a standard DC output signal. --- ## 1. Core Technical Specifications The model code breaks down into specific electronic characteristics: | Code Segment | Description | Specification | |:---|:---|:---| | **M2VT** | Model Series | Potentiometer Transmitter | | **11** | Input / Output | 1: Potentiometer input / 1: 4 – 20 mA DC output | | **R2** | Power Input | 110V – 240V AC (Remote/Universal) | | **CE** | Certification | European Conformity (EMC & Low Voltage Directive) | --- ## 2. Electronic Component Functions The device operates using several internal stages to ensure signal integrity and electrical safety: ### A. Input Stage (Potentiometer Interface) * **Reference Voltage:** The unit provides a constant excitation voltage to the potentiometer. * **Sense Circuit:** It measures the wiper position. It is designed for total resistance values ranging typically from **100 $\Omega$ to 10 k$\Omega$**. * **Linearization:** It ensures that the mechanical rotation/position is translated linearly into an electrical value. ### B. Isolation Barrier One of the most critical electronic features is **Three-way Isolation**: * **Input to Output:** Prevents ground loops from affecting the sensor. * **Input to Power:** Protects the sensitive input stage from power surges. * **Output to Power:** Ensures the control system (PLC/DCS) is decoupled from the power source. * *Dielectric Strength:* Usually rated at 2000V AC @1 minute. ### C. Output Stage * **Current Loop Driver:** Converts the processed signal into a 4–20 mA DC signal. * **Load Resistance:** Capable of driving loads up to **750 $\Omega$**. * **Response Time:** Optimized for fast transitions, typically $\leq$ 0.5 seconds (0 – 90%). --- ## 3. Physical & Wiring Interface The electronic housing is designed for industrial DIN-rail mounting and uses plug-in base sockets for easy maintenance. ```yaml Connection Points: - Input: Pins 4, 5, 6 (Terminals for Potentiometer) - Output: Pins 1 (+), 2 (-) (4-20mA Loop) - Power: Pins 7 (L), 8 (N) (110-240V AC) ``` ### Key Performance Metrics * **Accuracy:** $\pm$0.1% of span. * **Temperature Coefficient:** $\pm$0.015% per degree Celsius. * **Zero/Span Adjustment:** Front-accessible multi-turn trimmers allow for $\pm$5% adjustment to calibrate the electronic floor and ceiling of the signal. ---
    ✨ Follow-up Questions
    • ⤷ What are the wiring precautions for connecting a 3-wire potentiometer to the M2VT?
    • ⤷ How do I calibrate the zero and span settings on this specific model?
    • ⤷ What is the power consumption rating for the R2 power supply version?