Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VT-154-R2/Q

  • AI
    The **M2VT-154-R2/Q** is a high-precision, industrial-grade **Signal Conditioner** (specifically a Potentiometer Transmitter) manufactured by **M-System**. It is designed to measure the position of a potentiometer (slidewire) and convert it into a standard analog signal (voltage or current). --- ### 1. Core Technical Specifications The "R2" and "Q" suffixes typically denote specific power requirements and quality standards. | Feature | Specification | | :--- | :--- | | **Input Type** | Potentiometer / Slidewire (100 $\Omega$ to 10 k$\Omega$) | | **Output Type** | Standard DC Analog (0-10V, 4-20mA, etc. - configurable) | | **Power Input (R2)** | 24V DC | | **Accuracy** | ±0.1% | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Mounting** | DIN Rail Mounting | | **Isolation** | 3-Way (Input to Output to Power) | --- ### 2. Key Electronic Components & Internal Workings The device operates through several internal electronic stages to ensure signal integrity: 1. **Excitation Circuit:** The device provides a constant, low-voltage reference to the potentiometer. This ensures that the resistance change is accurately detected as a proportional voltage. 2. **A/D Conversion & Signal Processing:** Modern M2VT models use a microprocessor to linearize the signal and filter out electrical noise common in industrial environments. 3. **Galvanic Isolation:** High-quality optocouplers or transformers are used to separate the input, output, and power supply. This prevents ground loops and protects the PLC/DCS from high-voltage surges. 4. **D/A Conversion & Output Driver:** Converts the processed digital data back into a high-precision analog current or voltage signal. --- ### 3. Terminal Configuration The device uses a plug-in base structure. Below is a general representation of the wiring layout: | Terminal No. | Function | Description | | :--- | :--- | :--- | | **1** | Output (+) | Positive Analog Output | | **2** | Output (-) | Negative Analog Output | | **3** | Power (U) | +24V DC Supply | | **4** | Power (V) | 0V DC Supply | | **5** | Input (CW) | Potentiometer High End | | **6** | Input (S) | Potentiometer Wiper (Slider) | | **7** | Input (CCW) | Potentiometer Low End | --- ### 4. Meaning of Suffixes * **M2VT:** Series designation (Super-mini Signal Conditioners). * **-154:** Specific model code defining the input/output range. * **-R2:** Power supply specification (24V DC). * **-Q:** Often indicates a "Special Specification" or "Quality Control" requirement (e.g., specific labeling, non-standard calibration, or hazardous location certification). ---
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the zero and span settings on the M2VT-154?
    • ⤷ What is the maximum resistance the M2VT-154 can handle from a potentiometer?
    • ⤷ What are the advantages of 3-way isolation in this specific signal conditioner?