Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VT-163-R

  • AI
    The **M2VT-163-R** is a high-performance **Signal Conditioner** (specifically a Transducer/Potentiometer Transmitter) manufactured by **M-System**. It is designed to convert resistance or potentiometer signals into standard DC voltage or current signals. --- ### 1. Key Technical Specifications The following table highlights the core electronic characteristics of the M2VT-163-R: | Feature | Specification | | :--- | :--- | | **Primary Function** | Potentiometer / Resistance Transmitter | | **Input Signal** | 100 $\Omega$ to 10 k$\Omega$ (Total resistance) | | **Output Signal** | 4 – 20 mA DC | | **Power Input** | 24V DC (approx. 10% ripple) | | **Accuracy** | $\pm$0.1% of span | | **Response Time** | $\leq$ 0.5 seconds (0 – 90%) | | **Isolation** | 3-way (Input to Output to Power) | | **Mounting** | DIN Rail Mounting | --- ### 2. Electronic Components & Design The device is built using industrial-grade solid-state components to ensure reliability in harsh environments. * **Front-End Conditioning:** Utilizes a high-precision excitation voltage circuit to measure the position of the potentiometer without introducing significant loading errors. * **Zero/Span Adjustments:** Located on the front panel, these are multi-turn potentiometers (trimmers) that allow for fine-tuning the electronic output offset and gain. * **Isolation Barrier:** Features internal optoisolators or magnetic transformers that provide up to **2000V AC** isolation. This protects downstream PLCs or SCADA systems from surges and ground loops. * **LED Indicator:** A power LED indicates the status of the internal DC-DC converter. --- ### 3. Connection Diagram (General) The M2VT-163-R typically follows a specific terminal arrangement for its electronic pins: ```text TERMINAL ASSIGNMENT [1] Output (+) [2] Output (-) [3] Unused [4] Input (High/CW) [5] Input (Wiper) [6] Input (Low/CCW) [7] Power (L+) [8] Power (N-) ``` --- ### 4. Application Use Case This electronic part is most commonly used in: 1. **Valve Position Feedback:** Converting the physical turn of a valve into a 4-20mA signal for a control room. 2. **Tank Level Sensing:** Using a float-operated potentiometer to track fluid levels. 3. **Machine Automation:** Tracking the linear stroke of an actuator.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the Zero and Span on the M2VT-163-R?
    • ⤷ What are the specific power consumption ratings for this model?
    • ⤷ Can this unit be used with a 2-wire transmitter configuration?