Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VT-164-R2/K

  • AI
    The **M2VT-164-R2/K** is a specific model of a **Slim-style Loop Powered Isolator** (or Signal Conditioner) manufactured by **M-System**. It is designed to isolate and convert DC signals to prevent ground loops and protect sensitive control systems in industrial environments. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Model Series** | M2VT (Mini-M Series) | | **Power Input** | 24V DC (Standard for -R configuration) | | **Output Type** | Current or Voltage (Depending on configuration) | | **Construction** | Plug-in style / Slim-line housing | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Accuracy** | ±0.1% | --- ### 2. Breakdown of the Model Name (Ordering Code) The alphanumeric suffix determines the electronic characteristics of the unit: * **M2VT**: The base series (V-Network Signal Conditioner). * **1**: Specifies the Input signal (usually 4–20 mA DC or 1–5 V DC depending on internal settings). * **6**: Specifies the Output signal (e.g., 1–5 V DC). * **4**: Indicates the power requirement (e.g., 100–240V AC or 24V DC). * **R2**: Refers to the power input type (R typically indicates 24V DC). * **K**: Often denotes a specific option such as "Fast Response" or a specific terminal type. --- ### 3. Core Electronic Functions #### A. Signal Isolation The primary purpose is to electronically decouple the input circuit from the output circuit. It uses **transformer-based or opto-isolation** to ensure that electrical noise or ground potential differences on the field side do not damage the PLC (Programmable Logic Controller) or DCS (Distributed Control System). #### B. Signal Conversion It can take a non-standard or weak electronic signal and convert it into a standard industrial signal (like 4-20mA). This ensures the signal can travel long distances without losing integrity due to resistance. #### C. Filtering and Protection The internal circuitry includes: * **Surge Protectors:** To handle voltage spikes. * **Low-pass Filters:** To remove high-frequency noise from electromagnetic interference (EMI). --- ### 4. Installation and Wiring The unit is typically mounted on a **DIN rail**. It features a plug-in base, allowing the electronic module to be replaced without disconnecting the field wiring, which is a critical feature for minimizing industrial downtime.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring pinouts for the M2VT series?
    • ⤷ Can this model be used with a 4-20mA passive loop?
    • ⤷ How does the 'K' option specifically change the response time of the isolator?