Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VT-16A-R2/CE

  • AI
    The **M2VT-16A-R2/CE** is a high-performance **Signal Conditioner (Isolator)** manufactured by **M-System**. It is part of the Mini-M series, designed to convert a DC input signal into a standard DC output signal while providing galvanic isolation. Below is a detailed breakdown of its electronic components and technical specifications. --- ### 1. Technical Specifications This device is primarily used in industrial automation to prevent ground loops and protect sensitive control systems (like PLCs) from electrical noise. | Feature | Specification | | :--- | :--- | | **Model Series** | Mini-M (M2 Series) | | **Input Type** | DC Voltage/Current (Configurable) | | **Output Type** | DC Voltage/Current | | **Power Input** | 24V DC | | **Isolation** | 3-Way (Input to Output to Power) | | **Isolation Strength** | 2000V AC @ 1 minute | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Accuracy** | ±0.1% of span | --- ### 2. Key Electronic Components & Design The M2VT-16A-R2/CE utilizes a sophisticated internal architecture to ensure signal integrity: #### A. Signal Isolation Barrier * **Optoisolators/Transformers:** The "16A" indicates high-grade isolation components that physically separate the input circuit from the output and power supply. This prevents high-voltage surges from traveling through the signal line. * **Galvanic Separation:** Uses a 3-way isolation scheme, meaning the Input, Output, and Power circuits are all independent. #### B. Signal Processing Circuitry * **Operational Amplifiers (Op-Amps):** High-precision, low-drift amplifiers are used to scale the input signal accurately without introducing thermal noise. * **A/D and D/A Converters:** In digital versions of these conditioners, microprocessors handle the linear conversion of the signal. #### C. Power Management * **Switching Regulator:** Internally converts the 24V DC input into stable internal voltages. * **Protection Diodes:** Includes reverse polarity protection and surge suppression to protect the internal electronics from wiring errors. --- ### 3. Connection Diagram (Standard Pinout) The device is a plug-in type, usually mounting onto a base socket. ```text Terminal | Function ---------|------------------ 1 | Input (+) 2 | Input (-) 3 | Output (+) 4 | Output (-) 5 | Power (+) 24V DC 6 | Power (-) 0V ``` --- ### 4. Certification: "CE" Marking The **CE** suffix indicates that the electronic components comply with European safety and EMC (Electromagnetic Compatibility) standards: * **EN 61000-6-4:** Emission standards for industrial environments. * **EN 61000-6-2:** Immunity standards for industrial environments.
    ✨ Follow-up Questions
    • ⤷ What are the specific input and output range options for the M2VT series?
    • ⤷ How does 3-way isolation differ from 2-way isolation in signal conditioners?
    • ⤷ What is the mounting style for the M2VT-16A-R2/CE?