Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VT-16B-R2

  • AI
    The **M2VT-16B-R2** is a specific electronic interface module, typically associated with signal conversion and distribution in industrial automation or security systems (often related to M-system or similar instrumentation brands). It is designed to bridge field signals with controller inputs. ### 1. Technical Specifications The following table highlights the core electronic characteristics of the M2VT-16B-R2: | Component Feature | Specification / Description | | :--- | :--- | | **Model Series** | M2VT Series | | **Input Type** | Voltage/Current (Analog) | | **Number of Channels** | 16-channel distribution/interface | | **Mounting** | DIN Rail or Surface Mount | | **Connection Type** | Screw terminals / Ribbon cable connector | | **Voltage Isolation** | Galvanic isolation between input and output | --- ### 2. Core Electronic Architecture The internal circuitry of the M2VT-16B-R2 is built around three primary functional blocks: #### A. Signal Conditioning The board contains precision resistors and operational amplifiers (Op-Amps) that scale raw input signals (like 4–20mA or 0–10V) into a standardized format. The **"16B"** designation typically refers to its capacity to handle 16 discrete signal paths. #### B. Connection Interfacing The module acts as a "Transition Module": * **Field Side:** Heavy-duty screw terminals receive wiring from sensors and field devices. * **System Side:** A high-density connector (often a 40-pin or 34-pin ribbon header) allows for a single cable connection to a PLC (Programmable Logic Controller) or DCS (Distributed Control System). #### C. Protection Circuitry To ensure reliability in industrial environments, the PCB includes: * **TVS Diodes:** For surge protection against voltage spikes. * **Filtering Capacitors:** To reduce electromagnetic interference (EMI) and signal noise. * **Reverse Polarity Protection:** Prevents damage if the DC power supply is connected incorrectly. --- ### 3. Application Use-Case The M2VT-16B-R2 is primarily used to simplify wiring. Instead of running 32+ individual wires into a PLC input card, the electronic parts on this board aggregate those signals into a single pre-fabricated cable. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout assignments for the ribbon connector on the M2VT-16B-R2?
    • ⤷ Does the M2VT-16B-R2 require an external power supply for passive signal loops?
    • ⤷ What is the maximum operating temperature for this module in an industrial enclosure?