Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VT-16B-R2/N

  • AI
    The **M2VT-16B-R2/N** is a specific model of a **Slim-style Terminal Relay** or **Interface Terminal**, typically manufactured by **M-System** (now part of MG CO., LTD) or similar industrial automation providers. These units are used to bridge the gap between high-level controllers (like a PLC) and field devices (actuators, motors, or sensors). --- ## 1. Technical Specifications Below are the primary electronic characteristics of the M2VT-16B-R2/N: | Parameter | Specification | |:---|:---| | **Input Channels** | 16-point input/output configuration | | **Relay Type** | Electromagnetic Relay (Plug-in/Slim) | | **Rated Voltage** | 24V DC (Standard for the "R2" series) | | **Contact Rating** | Usually 250V AC / 30V DC at 2A to 5A (model dependent) | | **Connection Type** | Screw terminals for field wiring; Ribbon cable for PLC | | **Mounting** | DIN Rail (35mm) | | **LED Indicators** | Status LEDs for each of the 16 channels | --- ## 2. Key Components & Features ### A. The Relay Modules The unit consists of 16 individual mechanical relays. These provide **galvanic isolation**, protecting the expensive PLC/Controller from voltage spikes or short circuits occurring in the field. ### B. Common Terminal Logic (The "/N" Suffix) In the M2VT series coding: * **"N"** typically denotes **NPN (Sinking)** logic. This means the common line is connected to the positive rail, and the controller switches the ground (negative) side to activate the relays. ### C. Protection Circuitry The internal PCB usually includes: * **Flyback Diodes:** To suppress inductive kicks when the relay coils are de-energized. * **Varistors (ZNR):** Often included to protect the contact side against high-voltage transients. --- ## 3. Wiring Architecture 1. **Controller Side:** Uses a multi-pin connector (often a 20-pin MIL connector) to receive signals from the PLC using a single ribbon cable. 2. **Field Side:** Uses rugged screw terminals where high-current or high-voltage loads are connected. 3. **Power Supply:** Requires a stabilized 24V DC supply to power the internal relay coils. --- ## 4. Typical Applications * **Signal Conversion:** Converting low-power PLC digital outputs to high-power switching for solenoid valves. * **Interface Isolation:** Protecting a control system from electrical noise in a factory environment. * **Space Saving:** The "Slim" design allows for high-density I/O in narrow control cabinets.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the /N (NPN) and /P (PNP) versions of this relay terminal?
    • ⤷ How do I replace an individual relay on the M2VT-16B board if one fails?
    • ⤷ What is the maximum switching frequency for the electromagnetic relays in this unit?