Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VT-1A-R

  • AI
    The **M2VT-1A-R** is a specific model of an **Isolator (Signal Conditioner)** manufactured by **M-System**. It is designed to interface between industrial field instruments and control systems (like PLCs or DCS), providing signal conversion and galvanic isolation. --- ### 1. General Specifications The M2VT series is known for its "Ultra-Slim" profile and high-density mounting capabilities. | Feature | Specification | | :--- | :--- | | **Component Type** | Signal Isolator / Transmitter | | **Input Signal** | DC Current or Voltage (Model dependent) | | **Output Signal** | DC Current or Voltage (Model dependent) | | **Power Input** | 24V DC | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Mounting** | DIN Rail Mounting | --- ### 2. Breakdown of the Model Code: M2VT-1A-R To understand the electronic parts and capabilities, we must decode the suffix: * **M2VT**: Series name (Slim-line Signal Conditioner). * **1**: Input Signal. (Usually represents **4 – 20 mA DC**). * **A**: Output Signal. (Usually represents **4 – 20 mA DC**). * **R**: Power Input. (Represents **24V DC**). --- ### 3. Key Electronic Functions The M2VT-1A-R performs three primary electronic roles: #### A. Galvanic Isolation It uses internal opto-isolators or magnetic coupling to break the direct electrical connection between the input and output. This prevents **ground loops** and protects sensitive control equipment from high-voltage surges in the field. #### B. Signal Conversion (1:1 Transfer) In the "1A" configuration, it acts as a **current loop repeater**. It takes a 4-20mA signal from a sensor and generates an identical 4-20mA signal for the controller, ensuring high accuracy (typically $\pm 0.1\%$). #### C. Noise Filtering The internal circuitry includes low-pass filters to remove high-frequency electromagnetic interference (EMI) or radio frequency interference (RFI) from the field wiring before the signal reaches the PLC. --- ### 4. Technical Hardware Features * **Front Panel Adjustments**: Contains "Zero" and "Span" adjustment potentiometers (trimmers) to fine-tune the signal. * **Status Indicator**: Usually equipped with a Power LED to indicate the health of the 24V DC supply. * **Connection Type**: M3 screw terminals for secure industrial wiring. * **Response Time**: Approximately $\leq 0.5$ seconds (standard). ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for the M2VT-1A-R?
    • ⤷ How do I calibrate the Zero and Span on this unit?
    • ⤷ What is the maximum load resistance supported by the 4-20mA output?