Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VT-1A-R/

  • AI
    The **M2VT-1A-R** is a specific electronic signal transducer/converter manufactured by **M-System**. It is primarily used in industrial automation to convert a thermocouple input into a standard DC output (such as 4-20mA or 0-10V). Below is a detailed breakdown of its electronic specifications and features. ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Device Type** | Thermocouple Transmitter (Plug-in base) | | **Model Series** | M2 Series (Mini-M) | | **Input Signal** | Thermocouple (Type K, E, J, T, B, R, S, N, etc.) | | **Output Signal** | DC Current or DC Voltage | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Accuracy** | ±0.1% of span | --- ### 2. Electronic Component Breakdown #### A. Input Section (Thermocouple Interface) The device includes a high-impedance input stage designed to handle low-millivolt (mV) signals from thermocouples. * **Cold Junction Compensation (CJC):** The "1A-R" variant includes internal CJC circuitry to compensate for the ambient temperature at the terminal block. * **Burnout Protection:** It features an "Upscale" or "Downscale" burnout function. If the thermocouple wire breaks, the electronics force the output to a specific limit (e.g., 20mA+) to alert the control system. #### B. Isolation Barrier One of the most critical electronic features is the **Three-way Isolation**. The internal circuitry uses optoisolators or transformers to separate: 1. **Input** (Thermocouple) 2. **Output** (Controller/PLC) 3. **Power Supply** (24V DC or AC) * *Dielectric Strength:* Typically 2000V AC for 1 minute. #### C. Signal Conditioning & Conversion * **A/D and D/A Conversion:** The analog mV signal is digitized, linearized (to account for the non-linear nature of thermocouples), and then converted back into a stable analog DC signal. * **Zero/Span Adjustments:** Located on the front panel, these allow for electronic fine-tuning of the output signal without disconnecting the device. --- ### 3. Power Requirements The **"R"** in the suffix typically denotes the power input specification for the M2 series: * **Power Input:** 24V DC * **Operational Voltage Range:** 24V DC ±10% * **Power Consumption:** Approx. 2W or less. --- ### 4. Physical Layout & Terminals The unit uses a **M-System plug-in base** (Socket), which allows the electronic module to be replaced without disconnecting the field wiring. ```text Terminal Configuration Example: 1. Output (+) 2. Output (-) 3. Power (+) 4. Power (-) 5. Input (+) Thermocouple 6. Input (-) Thermocouple ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the different burnout options available for the M2VT series?
    • ⤷ How do I perform a zero/span calibration on this specific unit?
    • ⤷ Can the M2VT-1A-R be configured for different thermocouple types via DIP switches?