Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VT-1A-R/K

  • AI
    The **M2VT-1A-R/K** is a high-performance **Signal Transducer** or **Signal Conditioner** manufactured by **M-System**. This specific model is part of the Mini-M series and is designed to convert a temperature input (from a thermocouple) into a standard DC output signal. --- ### 1. Technical Specifications Breakdown | Feature | Specification Details | | :--- | :--- | | **Model Series** | Mini-M Series (Plug-in base) | | **Input Type** | Thermocouple (Type K, R, J, E, T, B, N, or S) | | **Output Type** | DC Voltage or Current (Standard ranges like 4-20mA, 0-10V) | | **Power Input** | Options typically include 100–240V AC or 24V DC | | **Accuracy** | ±0.1% of span | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Mounting** | Surface or DIN rail | --- ### 2. Key Electronic Components & Functions The device functions through several internal stages to ensure signal integrity: * **Thermocouple Linearizer:** Thermocouples have non-linear voltage outputs relative to temperature. The internal circuitry applies a polynomial linearization to ensure the output is proportional to the actual temperature. * **Cold Junction Compensation (CJC):** Since thermocouples measure the difference between two points, the M2VT includes a thermistor or semiconductor sensor at the terminal block to compensate for the ambient temperature at the connection point. * **Galvanic Isolation:** The device provides 3-way isolation (Input to Output to Power). This prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges on the field side. * **Burnout Protection:** If the thermocouple wire breaks, the device can be configured to "Upscale" (max output) or "Downscale" (min output) to alert the control system of a sensor failure. --- ### 3. Application Use Cases This part is primarily used in industrial automation environments where precise temperature monitoring is required: 1. **Furnace Monitoring:** Converting high-temperature Type R or K signals into 4-20mA for long-distance transmission to a control room. 2. **Signal Normalization:** Standardizing various sensor types into a uniform 0-10V signal for a Programmable Logic Controller (PLC). 3. **Noise Reduction:** Using the internal isolation to filter out electromagnetic interference (EMI) commonly found in factory floors with large motors. --- ### 4. Part Number Suffix Meanings The suffix **-R/K** usually denotes the power supply and specific calibration: * **-R:** Often signifies the power input (e.g., 24V DC). * **-K:** Refers to the Thermocouple Type (Type K: Chromel-Alumel).
    ✨ Follow-up Questions
    • ⤷ What is the difference between the M2VT and the M2RS models?
    • ⤷ How do I wire the burnout protection on this specific module?
    • ⤷ What is the maximum distance the output signal can travel before requiring a repeater?