Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VT-31-R2/N

  • AI
    The **M2VT-31-R2/N** is a high-performance, compact signal conditioner (plug-in type) manufactured by **M-System**. It is specifically designed to convert a V-Network signal (or standard DC voltage) into a standard process signal. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Model Series** | M2VT (Mini-M Series) | | **Input Signal** | V-Network (Specific to M-System) | | **Output Signal** | 4 – 20 mA DC (Internal resistance approx. 250 $\Omega$) | | **Power Input** | 24V DC | | **Accuracy** | ±0.1% of span | | **Response Time** | $\leq$ 0.5 seconds (0 – 90%) | | **Construction** | Plug-in base socket mounting | --- ### 2. Electronic Component Breakdown The device functions as an **analog signal converter** with galvanic isolation. Its internal electronic architecture consists of several critical stages: #### A. Input Conditioning Stage The "31" in the model code refers to the input type. It utilizes high-precision operational amplifiers (Op-Amps) and resistor networks to scale the incoming voltage signal without loading the source circuit. #### B. Isolation Barrier One of the most important electronic features is the **3-way isolation** (Input to Output to Power). * **Method:** Uses optical isolators or miniature transformers. * **Purpose:** Prevents ground loops and protects sensitive control systems from high-voltage surges or noise on the field side. #### C. Power Management (R2) The "R2" suffix indicates the power requirement: * **Voltage:** 24V DC. * **Filtering:** Includes ripple filters and polarity protection diodes to ensure the internal electronics receive clean, stable DC power even in noisy industrial environments. #### D. Output Driver (N) The "N" suffix typically relates to the output characteristics or specific options. The output stage uses a constant current circuit (for 4-20mA models) to ensure the signal remains accurate regardless of the load resistance (up to a certain limit). --- ### 3. Connection Diagram Overview The electronic interface is standardized for the M2 series base: 1. **Terminals 1 & 2:** Output signal (+/-). 2. **Terminals 4 & 5:** Input signal (+/-). 3. **Terminals 7 & 8:** Power supply (24V DC). --- ### 4. Typical Applications * Interfacing between different PLC/DCS systems. * Signal boosting for long-distance transmission. * Ground loop elimination in complex industrial sensor networks.
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance for the 4-20mA output on this model?
    • ⤷ Does the M2VT series support DIN rail mounting?
    • ⤷ How do I calibrate the zero and span settings on the M2VT-31?