Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VT-AB-R2/K

  • AI
    The **M2VT-AB-R2/K** is a high-performance **Compact Signal Conditioner (Isolator)** manufactured by **M-System**. It is designed to take a variable DC input and convert it into a stable, isolated DC output. --- ### 1. Key Technical Specifications | Feature | Specification | |:---|:---| | **Model Series** | M2V (Mini-M Series) | | **Input Type (A)** | 4 – 20 mA DC | | **Output Type (B)** | 2 – 10 V DC | | **Power Input (R2)** | 11 – 27 V DC | | **Option (/K)** | Multi-turn adjustment (Span/Zero) | | **Isolation** | 3-way (Input to Output to Power) | | **Mounting** | DIN Rail Mounting | --- ### 2. Core Electronic Components & Architecture The M2VT functions through a sequence of electronic stages to ensure signal integrity: 1. **Input Conditioning Stage:** Uses a precision shunt resistor to convert the 4-20mA current loop into a voltage signal. It includes surge protection (clamping diodes) to prevent damage from line spikes. 2. **Isolation Barrier:** The "Isolator" part of the name refers to the internal **Optical or Transformer coupling**. This breaks the electrical path between the field sensor and the PLC/Controller, preventing ground loops. 3. **Signal Conversion & Scaling:** High-linearity operational amplifiers (Op-Amps) scale the input signal. The **/K option** indicates high-precision, multi-turn potentiometers are used for Zero and Span adjustments, allowing for much finer calibration than standard single-turn pots. 4. **Output Driver:** A voltage-source output stage capable of driving loads (typically $\ge$ 1M $\Omega$ for voltage outputs) while maintaining the 2–10 V range. --- ### 3. Functional Purpose * **Ground Loop Elimination:** By isolating the input, output, and power, it prevents noise caused by differences in ground potential across long cable runs. * **Signal Conversion:** It acts as a bridge between devices that use current (mA) and controllers that require voltage (V). * **Signal Buffering:** Protects sensitive control system inputs from field-side electrical interference. --- ### 4. Terminal Pin Assignments (Typical) | Pin No. | Assignment | |:---:|:---| | 1 | Input (+) | | 2 | Input (-) | | 4 | Output (+) | | 5 | Output (-) | | 7 | Power (+) | | 8 | Power (-) |
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of the /K multi-turn option over the standard model?
    • ⤷ How does 3-way isolation differ from 2-way isolation in this module?
    • ⤷ What is the maximum response time for the M2VT series?