Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VT-BC-R2/K

  • AI
    The **M2VT-BC-R2/K** is a high-performance, signal-conditioned electronic transducer/transmitter manufactured by **M-System**. It is primarily used in industrial automation to convert a thermocouple input into a standard DC output signal. --- ### 1. Technical Specifications The following table highlights the core electronic characteristics of the device: | Feature | Specification | | :--- | :--- | | **Input Type** | Thermocouple (Type K) | | **Output Type** | 4 – 20 mA DC (Current) | | **Power Input** | 24V DC | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Isolation** | 3-way isolation (input to output to power) | | **Mounting** | DIN Rail Mounting | | **Accuracy** | ±0.1% of span | --- ### 2. Core Electronic Components & Architecture The "electronic parts" of this module work together to ensure signal integrity in harsh environments: * **Cold Junction Compensation (CJC):** Since thermocouples measure the temperature difference between two points, the unit contains a built-in thermistor or sensor to measure the terminal temperature, allowing for accurate absolute temperature readings. * **Galvanic Isolation:** The device utilizes internal transformers and optoisolators to provide **2000V AC isolation**. This protects sensitive PLC/DCS control systems from high-voltage surges or ground loops on the sensor side. * **Burnout Protection:** The `/K` designation often indicates specific calibration or protection logic. If the thermocouple wire breaks, the electronics are programmed to drive the output signal to a specific state (usually "Upscale" or above 20mA) to alert the operator. * **A/D and D/A Converters:** The analog thermocouple signal (mV) is digitized for processing and linearized according to the Type K curve, then converted back to a stable 4-20mA analog current loop. --- ### 3. Connection Diagram (Simplified) Below is a representation of how the electronic terminals are typically utilized: ```text TERMINAL BLOCK LAYOUT: +-------+-------+ | (1) | (2) | <-- Output (+) / (-) +-------+-------+ | (3) | (4) | <-- Power 24V DC (+) / (-) +-------+-------+ | (5) | (6) | <-- Input (Thermocouple + / -) +-------+-------+ ``` --- ### 4. Key Advantages 1. **Noise Rejection:** The electronic filtering ensures that electromagnetic interference (EMI) from motors or heavy machinery does not degrade the temperature signal. 2. **Linearization:** Standardizes the non-linear voltage output of the Type K thermocouple into a linear 4-20mA signal. 3. **Low Heat Dissipation:** Designed with high-efficiency power management to prevent the unit from overheating inside small electrical enclosures.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the zero and span settings on this model?
    • ⤷ What is the maximum distance the 4-20mA signal can travel?
    • ⤷ Can this unit be used with a Type J thermocouple instead?