Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2XF2-Z1V1-R

  • AI
    The **M2XF2-Z1V1-R** refers to a high-performance **Brushless DC (BLDC) motor** part number, typically manufactured by companies like **Nidec**. These motors are commonly used in industrial automation, robotics, and precise motion control applications. --- ### 1. Technical Specifications Overview Based on standard nomenclature for this motor series, the electronic and mechanical characteristics are generally defined as follows: | Feature | Specification (Typical) | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Voltage Rating** | 12V or 24V DC (varies by sub-model) | | **Feedback System** | Hall Effect Sensors (Z1 V1 designation) | | **Speed Control** | PWM (Pulse Width Modulation) compatible | | **Rotation** | Bi-directional (CW/CCW) | | **Bearings** | High-precision Dual Ball Bearings | --- ### 2. Key Electronic Components The "electronic parts" of this unit consist of the internal PCB and the control interface: #### A. Internal Drive Circuitry * **Hall Effect Sensors:** These sensors detect the position of the permanent magnet rotor. This data is sent back to the controller to ensure accurate electronic commutation. * **Inverter Bridge:** Internal MOSFETs manage the switching of current to the stator windings. * **Protection Circuits:** Usually includes Over-Current Protection (OCP) and Thermal Shutdown to prevent the motor from burning out under stall conditions. #### B. Interface Wiring (Typical 5-wire or 6-wire setup) For the Z1V1 variant, the wiring usually follows this logic: 1. **VCC:** Main power supply. 2. **GND:** Common ground. 3. **PWM:** Speed control input signal. 4. **FG (Frequency Generator):** Output signal for speed monitoring (Tachometer). 5. **DIR:** Direction control (High/Low for Clockwise/Counter-Clockwise). --- ### 3. Usage and Application The "R" suffix often indicates compliance with environmental standards like **RoHS**. Because it is a BLDC motor, it offers several advantages over brushed counterparts: * **Longevity:** No brushes to wear out. * **Efficiency:** Higher torque-to-weight ratio. * **Low Noise:** Minimal electromagnetic interference (EMI) and mechanical friction. --- ### 4. Integration Code Snippet (Example) If you are controlling this motor via a microcontroller (like an Arduino or ESP32), you would use a PWM signal to regulate the speed: ```cpp // Basic PWM Control for BLDC Motor const int pwmPin = 9; // Connect to Motor PWM pin const int dirPin = 8; // Connect to Motor DIR pin void setup() { pinMode(pwmPin, OUTPUT); pinMode(dirPin, OUTPUT); digitalWrite(dirPin, HIGH); // Set direction } void loop() { analogWrite(pwmPin, 128); // Run motor at 50% duty cycle delay(5000); analogWrite(pwmPin, 0); // Stop motor delay(2000); } ```
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the M2XF2-Z1V1-R?
    • ⤷ Can this motor be controlled directly by a PLC without an external driver?
    • ⤷ What are the specific torque and RPM ratings for this model?