Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2XM2-1V1-R

  • AI
    The **M2XM2-1V1-R** is a specific part number typically associated with high-performance **M.2 Expansion Cards** (often designed by brands like ASUS or specialized industrial PC component manufacturers). These cards are designed to expand the storage capabilities of a motherboard by allowing multiple M.2 NVMe SSDs to be installed into a single PCIe slot. --- ### 1. Technical Specifications The following table outlines the typical electronic characteristics of this hardware component: | Feature | Specification | | :--- | :--- | | **Interface** | PCIe x16 (Physical) | | **Supported Drives** | 2x to 4x M.2 NVMe SSDs (Key M) | | **PCIe Generation** | Gen 3 or Gen 4 (Backward compatible) | | **Power Supply** | 12V via PCIe Slot / Integrated DC-DC Converters | | **Form Factor** | Low Profile / Full Height | | **Thermal Solution** | Passive Heatsink or Active Fan Cooling | --- ### 2. Key Electronic Components The internal circuitry of the M2XM2-1V1-R consists of several critical stages to ensure data integrity and power stability: #### A. PCIe Bridge / Redriver Since the card splits a high-speed PCIe signal, it often utilizes: * **PCIe Switches:** To manage lane allocation between multiple SSDs. * **Redrivers/Repeaters:** To boost signal integrity over the PCB traces, preventing data loss at high frequencies. #### B. Power Management Integrated Circuits (PMIC) M.2 NVMe drives require a stable **3.3V** supply. The card includes: * **Buck Converters:** To step down the 12V from the motherboard PCIe slot to 3.3V. * **Filtering Capacitors:** Large electrolytic or tantalum capacitors to smooth out voltage ripples during high-load read/write operations. #### C. Thermal Management Electronic components on these cards generate significant heat. The "1V1-R" revision usually includes: * **Thermal Pads:** High-conductivity interface material. * **NTC Thermistors:** Sensors that monitor the board temperature and can trigger fan speed adjustments (if active cooling is present). --- ### 3. Usage Requirements To utilize this electronic part effectively, the following system requirements must be met: 1. **PCIe Bifurcation Support:** The motherboard BIOS must support "Bifurcation" (e.g., splitting a single x16 slot into x4/x4/x4/x4 mode). Without this, only the first SSD will be detected. 2. **NVMe Protocol:** Designed exclusively for PCIe-based M.2 drives; it generally does not support SATA-based M.2 modules. ---
    ✨ Follow-up Questions
    • ⤷ Does my motherboard support PCIe bifurcation for this card?
    • ⤷ What is the difference between this model and the 1V0 revision?
    • ⤷ Can I use this card for a RAID 0 configuration?