Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2XM2-1V2-R/CE

  • AI
    Based on the technical nomenclature, the **M2XM2-1V2-R/CE** appears to be a specific industrial interface module, likely a **M.2 to M.2 Extension or Conversion Board** (often used in industrial PC manufacturing or high-speed data acquisition). Below is a breakdown of the electronic parts and specifications associated with this type of component. --- ### ## 1. Part Number Breakdown While specific manufacturers (like Advantech or Commell) use these codes, the string follows standard industrial conventions: | Segment | Meaning | | :--- | :--- | | **M2X** | Base series, typically indicating **M.2** interface expansion. | | **M2** | Secondary interface type (likely M.2 M-Key or B-Key). | | **1V2** | Revision or Voltage spec (Version 1.2 or 1.2V logic). | | **-R** | **RoHS Compliant** (Restriction of Hazardous Substances). | | **-CE** | **CE Certified** (Conformité Européenne) for safety and EMC. | --- ### ## 2. Core Electronic Components A device of this nature typically contains the following electronic architecture: #### ### A. Passive Components * **SMD Capacitors:** Multi-layer ceramic capacitors (MLCC) used for power decoupling to ensure stable voltage for the M.2 SSD or module. * **Resistors:** Used for impedance matching on high-speed differential pairs (PCIe lanes) to prevent signal reflection. #### ### B. Active Components & ICs * **Voltage Regulator (LDO/Buck):** Converts the system voltage (3.3V or 5V) to the specific requirements of the M.2 slot. * **Signal Re-driver / Repeater:** If the part is an extension, it likely contains an IC to boost the PCIe signal integrity over the distance of the trace. * **EEPROM:** Sometimes included to store board ID or configuration data for the host system. #### ### C. Mechanical & Connectivity * **M.2 Slot (NGFF):** The physical connector (Gold-plated pins) which can be **M-Key** (NVMe/PCIe x4) or **B-Key** (SATA/Cellular). * **Gold Fingers:** The edge connector that plugs into the motherboard. --- ### ## 3. Technical Specifications Table | Feature | Typical Specification | | :--- | :--- | | **Interface** | PCIe Gen 3.0 or 4.0 | | **Form Factor** | M.2 2280 or 2242 | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **Input Voltage** | 3.3V DC | | **Signal Lanes** | 2-lane or 4-lane support | --- ### ## 4. Common Usage Scenarios 1. **Industrial PC Expansion:** Adding an extra M.2 slot to a motherboard that has limited space. 2. **Conversion:** Converting a specific M.2 key type to another (e.g., A+E Key to M-Key). 3. **Testing:** Used as a "riser" board to protect the main motherboard from wear and tear during repeated testing of M.2 modules. ---
    ✨ Follow-up Questions
    • ⤷ Which manufacturer produces this specific model number?
    • ⤷ What is the specific M.2 Key (M
    • ⤷ B
    • ⤷ or E) for this module?
    • ⤷ Does this part require additional driver installation for OS recognition?