Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2XT2-4Z1-R/Q

  • AI
    ## Electronic Component Analysis: M2XT2-4Z1-R/Q The **M2XT2-4Z1-R/Q** refers to a high-performance **Fiber Optic Transceiver** module, typically belonging to the **QSFP28 (Quad Small Form-factor Pluggable 28)** category. These components are essential for high-speed data communications in networking hardware like switches and routers. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Form Factor** | QSFP28 | | **Data Rate** | 100 Gbps (Aggregate) | | **Interface** | 4 x 25Gbps (NRZ) | | **Connector Type** | MPO/MTP-12 (Typically) | | **Wavelength** | 850nm (Short Range) or 1310nm (Long Range) | | **Transmission Media** | Multi-mode (MMF) or Single-mode (SMF) | | **Supply Voltage** | 3.3V | --- ### 2. Core Electronic Sub-assemblies The module functions by converting electrical signals into optical signals and vice versa. It consists of the following primary electronic blocks: #### A. The Transmitter Path (Electrical to Optical) 1. **Clock and Data Recovery (CDR):** Reshapes and retimes the incoming electrical signals from the host PCB to minimize jitter. 2. **Laser Driver:** An integrated circuit that modulates the current flowing into the laser diodes. 3. **TOSA (Transmitter Optical Sub-Assembly):** Contains the actual lasers (e.g., VCSELs for short-range or DFB/EML for long-range). #### B. The Receiver Path (Optical to Electrical) 1. **ROSA (Receiver Optical Sub-Assembly):** Contains high-speed Photodetectors (PIN diodes) that convert incoming light pulses back into electrical current. 2. **TIA (Trans-Impedance Amplifier):** Converts the weak current from the photodiode into a measurable voltage signal. 3. **Post-Amplifier:** Strengthens the signal before sending it back to the host system. #### C. Control and Monitoring (DDM/DOM) The "Q" suffix often denotes **Digital Diagnostic Monitoring (DDM)** capabilities. This allows the host system to monitor: * Module Temperature * Supply Voltage * Laser Bias Current * Transmitted Optical Power * Received Optical Power --- ### 3. Application Use Cases * **Data Centers:** Connecting high-density leaf-and-spine switches. * **Enterprise Networking:** Core switch uplinks for 100G Ethernet. * **Telecommunications:** High-bandwidth transport networks. --- ### 4. Comparison Table: SR4 vs. LR4 Standards *Depending on the specific variant of the M2XT2 series:* | Standard | Reach | Fiber Type | Technology | | :--- | :--- | :--- | :--- | | **SR4** | Up to 100m | OM4 Multi-mode | 4x Parallel VCSEL | | **LR4** | Up to 10km | Single-mode | WDM (Wavelength Division) | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum power consumption for this specific QSFP28 module?
    • ⤷ Does the 'R/Q' suffix indicate compliance with a specific environmental standard like RoHS?
    • ⤷ Is this module compatible with Cisco or Juniper switch hardware?