Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2XT2-4Z1-R/UL

  • AI
    The **M2XT2-4Z1-R/UL** is a specific model of an industrial **Safety Limit Switch** (often categorized under Position Switches). These components are critical for monitoring the position of moving parts in automation and ensuring machine safety. --- ## 1. Technical Specifications Overview Below is a breakdown of the typical electronic and mechanical characteristics for this specific series: | Feature | Specification | | :--- | :--- | | **Contact Configuration** | 2NC (Normally Closed) + 2NO (Normally Open) | | **Action Type** | Snap Action (Rapid switching) | | **Current Rating** | Typically 3A to 10A (Depending on AC/DC voltage) | | **Voltage Rating** | Up to 240VAC / 250VDC | | **Housing Material** | Metal or Heavy-duty Plastic (usually die-cast aluminum) | | **Protection Rating** | IP67 (Dust tight and waterproof) | | **Certifications** | UL Listed, CE, RoHS | --- ## 2. Key Electronic Components & Design ### A. The Contact Block The "4Z1" in the part number indicates the contact arrangement. It utilizes a **double-pole, double-throw (DPDT)** equivalent for safety. * **NC (Normally Closed):** Used for safety circuits (e.g., Emergency Stop loops). If the switch is triggered, the circuit opens, cutting power to the motor. * **NO (Normally Open):** Used for signaling (e.g., sending a status update to a PLC that a door is open). ### B. Snap Action Mechanism Unlike "Slow Action" switches, this part features a **Snap Action** mechanism. This means that once the actuator reaches a specific "trip point," the internal contacts flip positions instantly, regardless of how slowly the external lever is moving. This prevents "arcing" (electrical sparks) and ensures a clean signal. ### C. Termination and Wiring The switch typically features screw terminals inside the housing. * **Conduit Entry:** It usually has a threaded entry (M20 or PG13.5) for armored cable or liquid-tight conduits. * **Galvanic Isolation:** The NO and NC contacts are electrically isolated from each other, allowing you to run different voltages through each pole if necessary. --- ## 3. Application Use Cases 1. **Safety Interlocking:** Ensuring a protective guard or door is closed before a machine starts. 2. **End-of-Travel Detection:** Stopping a CNC gantry or conveyor belt when it reaches its maximum physical limit. 3. **Position Sensing:** Confirming that a pneumatic cylinder has fully retracted or extended. --- ## 4. Part Number Breakdown (Generic) * **M2:** Often denotes the physical size or series (Medium/Mini). * **XT2:** Relates to the actuator style (e.g., Roller Lever, Plunger, or Adjustable Rod). * **4Z1:** The internal contact block configuration (4-pole/cross-circuit). * **R:** Often indicates a "Reset" function or specific Roller material. * **UL:** Compliance with Underwriters Laboratories safety standards for the North American market. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for this switch?
    • ⤷ Can this switch be used in explosive environments (ATEX)?
    • ⤷ How does the 'Snap Action' compare to 'Slow Action' in safety applications?