Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2XUM-R10-R/CE

  • AI
    The **M2XUM-R10-R/CE** is a specific model within the **M2X Series** of multi-channel remote I/O modules manufactured by **M-System** (now often branded as MG CO., LTD). This specific unit is a discrete output module designed for industrial automation and telemetry applications. --- ### 1. Technical Specifications Overview The model code breaks down into specific electronic characteristics: | Specification | Details | | :--- | :--- | | **Model Series** | M2X System (Multi-channel Remote I/O) | | **I/O Type** | Discrete Output (Relay Contact) | | **Number of Points** | 10 Points | | **Output Type** | Relay contact, normally open (N.O.) | | **Power Input** | 24V DC | | **Certification** | CE Marking (European Standards compliance) | --- ### 2. Key Electronic Components & Interfaces #### A. Relay Outputs The "R10" designation indicates **10-point relay outputs**. * **Switching Capacity:** Typically rated for 250V AC @ 2A or 30V DC @ 2A (resistive load). * **Mechanical Life:** Generally rated for approx. 20 million cycles. * **Isolation:** The module provides galvanic isolation between the internal logic circuit and the output contacts to protect the controller from field surges. #### B. Communication Interface This module functions as part of a distributed system. It communicates with a "Head" unit or PLC via a dedicated internal bus. * **Protocol:** Uses the M2X internal bus protocol. * **Addressing:** Usually set via rotary switches on the front or side of the module. #### C. Power Supply Section * **Operating Voltage:** 24V DC ±10%. * **Current Consumption:** Approximately 100–150mA depending on how many relays are energized simultaneously. --- ### 3. Wiring and Physical Structure The electronics are housed in a compact, DIN-rail mountable plastic casing. * **Terminal Block:** Features a tension-clamp or screw terminal system for field wiring. * **LED Indicators:** * **Power:** Green LED indicates the internal 5V logic power is active. * **Status/Run:** Indicates communication health. * **Output Status:** Individual LEDs for each of the 10 relay channels to show which relays are closed. --- ### 4. Circuit Protection & Certifications * **CE Marking:** Meets EN 61000-6-4 (Emission) and EN 61000-6-2 (Immunity) standards. * **Surge Protection:** Internal varistors or snubber circuits are often present to mitigate back-EMF from inductive loads, though external protection is still recommended for heavy industrial use. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the relay outputs on this module?
    • ⤷ Can this module be used standalone or does it require a base communication unit?
    • ⤷ What are the specific wiring diagrams for the 10-point relay configuration?