Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2XUM-R2V2-R/Q

  • AI
    Based on the product code structure, the **M2XUM-R2V2-R/Q** typically refers to a high-performance **M.2 (NGFF) NVMe SSD expansion card** or a specific industrial-grade interface module often used in computing and storage server solutions. Below is a breakdown of the electronic components and technical specifications associated with this type of hardware. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Interface Type** | PCIe x4 / x8 / x16 (Depending on host connection) | | **Storage Slot** | M.2 M-Key (Supports NVMe SSDs) | | **Form Factor** | Low-profile / Half-length (R2V2 revision) | | **Data Rate** | PCIe Gen 3.0 or Gen 4.0 (Compatibility dependent) | | **Power Input** | 12V via PCIe Slot or 15-pin SATA/Molex header | --- ### 2. Main Electronic Components The board is composed of several critical subsystems to ensure data integrity and power stability: #### A. Voltage Regulator Modules (VRM) Since M.2 NVMe SSDs require a stable **3.3V** supply, the board includes a DC-to-DC step-down converter. * **Inductors:** Used for energy storage in the buck converter circuit. * **Capacitors:** High-grade Tantalum or Multi-Layer Ceramic Capacitors (MLCC) to filter electrical noise and prevent voltage drops during high-speed data bursts. #### B. PCIe Bridge / Switch Controller On "R2V2" (Revision 2) models, there is often a **PCIe Packet Switch** or a simple **Re-driver IC**. * **Function:** This chip manages the signal lanes between the motherboard and the SSD, ensuring signal strength over the physical traces. #### C. Thermal Management Components * **Thermal Pads:** High-conductivity silicone pads placed between the SSD and the PCB/Heatsink. * **Heatsink:** Usually an anodized aluminum fin stack to dissipate heat from the controller chip. #### D. Protective Circuitry * **TVS Diodes:** For Transient Voltage Suppression to protect the SSD from static discharge (ESD). * **Resettable Fuses (PTC):** To protect the host motherboard from overcurrent in case of an SSD short circuit. --- ### 3. Pinout and Connectivity The M.2 connector (M-Key) utilizes a specific pinout to handle high-frequency differential pairs: ```markdown 1. Pins 1-11: Ground and 3.3V Power 2. Pins 12-19: Reserved / Config pins 3. Pins 20-70: High-speed Differential Lanes (PETn/p, PERn/p) for Data 4. Pins 71-75: 3.3V Power ``` --- ### 4. Implementation Example (Basic Logic) If you are integrating this into a system, the initialization logic usually follows the standard PCIe enumeration: ```python # Conceptual logic for detecting the device via CLI (Linux/Unix) import subprocess def check_nvme_status(): # List all NVMe devices connected via the M2XUM interface result = subprocess.run(['nvme', 'list'], capture_output=True, text=True) print("Detected Storage Devices on Adapter:") print(result.stdout) check_nvme_status() ```
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption limits for this M.2 adapter?
    • ⤷ Does the R2V2 revision support PCIe Bifurcation?
    • ⤷ Which manufacturers typically produce this specific model number?