Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M30620FCAFP

  • AI
    ## Technical Overview of the M30620FCAFP The **M30620FCAFP** is a specific member of the **M16C/62A** group of 16-bit microcontrollers developed by **Renesas Electronics** (formerly Mitsubishi Electric). It is widely recognized for its high efficiency, low noise emissions, and robust performance in industrial and automotive applications. --- ### 1. Key Internal Components The architecture is designed around the **M16C/60 series CPU core**, which uses a high-density instruction set to provide 16-bit processing power with 8-bit-like power consumption. | Feature | Specification | | :--- | :--- | | **CPU Core** | 16-bit M16C/60 | | **Flash Memory** | 128 KB (ROM) | | **RAM** | 10 KB | | **Package** | 100-pin plastic molded QFP (FP) | | **Operating Voltage** | 3.0V to 5.5V | | **Max Frequency** | 16 MHz (at 5V) | --- ### 2. Integrated Peripheral Modules The chip integrates several electronic sub-systems to interact with external hardware: #### A. Communication Interfaces * **UART/Clock Synchronous Serial I/O:** 5 independent channels. These are used for RS232, SPI, or I2C-like communications. * **Multi-master I2C-bus interface:** Dedicated hardware for chip-to-chip communication. #### B. Analog-to-Digital Conversion (ADC) * **A/D Converter:** 10-bit resolution across 8 to 26 channels (depending on configuration). * **D/A Converter:** 8-bit resolution with 2 independent channels. #### C. Timers and Control * **Timer A:** 5 channels (used for PWM, pulse output, and event counting). * **Timer B:** 3 channels (used for period measurement and counting). * **Watchdog Timer:** Prevents system hang-ups by resetting the CPU if software stalls. #### D. Input/Output (I/O) * **Programmable I/O Ports:** Up to 87 pins can be used as general-purpose I/O. * **Interrupts:** Advanced interrupt controller with multiple priority levels for real-time responsiveness. --- ### 3. Pin Configuration Examples The 100-pin QFP layout organizes the electronic parts into functional clusters: ```text Pins 1-20: Port P0 (Data Bus / AD Converter inputs) Pins 21-40: Port P1 & P2 (Address Bus / Timer I/O) Pins 41-60: VCC/VSS (Power) and Reset pins Pins 61-80: UART channels and Mode selection pins Pins 81-100: Port P9 & P10 (Analog inputs / Clock oscillators) ``` --- ### 4. Common Applications Due to its integrated Flash memory and high-speed processing, the M30620FCAFP is commonly found in: 1. **Automotive Body Control:** Window lifts, lighting modules, and climate control. 2. **Office Automation:** Printers and scanners. 3. **Industrial Equipment:** Motor controllers and PLC (Programmable Logic Controller) modules.
    ✨ Follow-up Questions
    • ⤷ What are the specific programming tools required for the M30620FCAFP Flash memory?
    • ⤷ How does the power consumption of this 16-bit MCU compare to modern ARM Cortex-M series?
    • ⤷ Can the M30620FCAFP be used in safety-critical automotive systems (ISO 26222)?