Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M34C02-W-RMB1G

  • AI
    The **M34C02-W-RMB1G** is a specialized Serial I2C Bus EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. It is primarily designed for use in DIMM (Dual Inline Memory Module) serial presence detect (SPD) applications. --- ## 1. Technical Specifications The following table outlines the key electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Storage Capacity** | 2 Kbit (256 x 8 bits) | | **Interface** | I2C (2-wire serial) | | **Supply Voltage (Vcc)** | 2.5V to 5.5V | | **Clock Frequency** | 400 kHz | | **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) | | **Operating Temperature** | -40°C to +85°C | | **Endurance** | 1,000,000 Write Cycles | | **Data Retention** | 40 Years | --- ## 2. Key Internal Components & Functions The device operates using specific logic blocks to ensure data integrity and security: ### A. Memory Array * The 2 Kbit memory is organized into **256 bytes**. * It is divided into two halves: The lower 128 bytes are typically for SPD data, and the upper 128 bytes can be used for general storage. ### B. Software Write Protection Unlike standard EEPROMs that use a physical pin for write protection, the M34C02 features a **Permanent Software Write Protection (PSWP)** mechanism. This allows the first 128 bytes to be permanently locked to prevent accidental overwriting of critical configuration data. ### C. Device Addressing The device uses three chip-enable pins ($E_0, E_1, E_2$), allowing up to eight M34C02 devices to be connected to the same I2C bus. --- ## 3. Pin Configuration (UFDFPN8) The pins are critical for the communication between the memory chip and the CPU/Memory Controller: | Pin | Name | Description | | :--- | :--- | :--- | | 1-3 | E0, E1, E2 | Chip Enable (Address inputs) | | 4 | Vss | Ground | | 5 | SDA | Serial Data (Bi-directional) | | 6 | SCL | Serial Clock (Input) | | 7 | WC | Write Control (Hardware protection) | | 8 | Vcc | Supply Voltage | --- ## 4. Typical Application Circuit In a standard computer memory application, the M34C02 resides on the RAM stick to store timing and manufacturer data. ```c // Example I2C Read Sequence (Pseudocode) 1. START Condition 2. Send Device Address (1010 + E2, E1, E0 + R/W=0) 3. Send Memory Address (0x00 - 0xFF) 4. REPEATED START 5. Send Device Address (1010 + E2, E1, E0 + R/W=1) 6. Read Data Byte from M34C02 7. STOP Condition ``` --- ## 5. Summary of Part Number Suffixes * **W**: Operating voltage range (2.5V to 5.5V). * **R**: Industrial temperature range (-40 to +85°C). * **MB**: UFDFPN8 package (2x3 mm). * **1**: Standard process. * **G**: ECOPACK2 (RoHS compliant, Halogen-free).
    ✨ Follow-up Questions
    • ⤷ What is the difference between M34C02 and a standard 24C02 EEPROM?
    • ⤷ How do you activate the Permanent Software Write Protection (PSWP)?
    • ⤷ Can this chip be used in DDR4 or DDR5 memory modules?