Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M35046-059FP

  • AI
    ## Overview of the M35046-059FP The **M35046-059FP** is a specialized Integrated Circuit (IC) developed by Mitsubishi Electric (now often associated with Renesas technology). It belongs to the **Screen Character Display (OSD - On-Screen Display)** control family. These chips are primarily used to overlay text and basic graphics onto video signals. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Function** | On-Screen Display (OSD) Controller | | **Package Type** | SSOP-20 (Shrink Small Outline Package) | | **Supply Voltage** | 5.0V (Typical) | | **Character Configuration** | Usually 12x18 dots per character | | **Display Capacity** | Multi-line text (dependent on internal ROM/RAM) | | **Interface** | Serial I/O for microcontroller communication | --- ### Key Electronic Components & Features #### 1. Character ROM (Read-Only Memory) The "-059" in the part number typically refers to a **specific font set** mask-programmed into the ROM. This contains the pre-defined alphanumeric characters and symbols that can be displayed on the screen. #### 2. Character RAM Internal RAM allows the host microcontroller to specify which characters appear at which positions on the screen. It maps the video coordinates to the character ROM indices. #### 3. Video Interface Hooks * **Horizontal (H-Sync) and Vertical (V-Sync) Inputs:** The IC requires synchronization signals from the video source to know exactly when to "inject" the character data into the video stream. * **RGB/Fosc Outputs:** It outputs Red, Green, and Blue signals (or a composite signal) along with a **Fast Blanking (FB)** signal to override the background video. #### 4. Clock Oscillator The device usually requires an external LC or Crystal oscillator connected to specific pins to generate the internal dot clock, which determines the width and stability of the characters. --- ### Common Applications * **Television Sets:** Displaying channel numbers, volume bars, and setup menus. * **CCTV Systems:** Overlaying time/date stamps and camera titles on surveillance footage. * **Automotive Displays:** Basic status information on older dashboard screens or rear-view camera overlays. --- ### Typical Pin Configuration (SSOP-20) While specific to the 059 variant, most M35046 chips share this general layout: 1. **VDD/VSS:** Power supply and ground. 2. **OSC1/OSC2:** Connections for the character clock oscillator. 3. **HSYNC/VSYNC:** Synchronization inputs from the video processor. 4. **SIN/CS/SCLK:** Serial interface pins to receive commands from the main CPU. 5. **R/G/B/BLK:** Output pins for video overlay and blanking.
    ✨ Follow-up Questions
    • ⤷ What are the differences between the M35046 and newer OSD controllers?
    • ⤷ How do I interface this IC with an Arduino or ESP32?
    • ⤷ Can the internal font ROM of the M35046-059FP be modified?