Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3A11FCD-R

  • AI
    The **M3A11FCD-R** is an industrial-grade electronic component, typically categorized as a high-performance **Magnetic Proximity Sensor** or a specialized **Hall Effect Sensor**, often utilized in automation and elevator control systems (frequently associated with brands like Mitsubishi Electric or specialized sensor manufacturers). --- ### 1. Key Technical Specifications The part is designed for non-contact position detection. Below are the standard electronic characteristics associated with this series: | Parameter | Typical Value / Specification | | :--- | :--- | | **Component Type** | Magnetic Reed or Hall Effect Sensor | | **Supply Voltage** | 12V - 24V DC (Standard Industrial) | | **Sensing Distance** | 5mm to 15mm (depending on magnet strength) | | **Output Type** | NPN or PNP Open Collector / Reed Switch | | **Switching Frequency** | Up to 100 Hz | | **Housing Material** | Fire-retardant Plastic (PBT or ABS) | | **Connection Method** | Pre-wired Lead or Connector Plug | --- ### 2. Functional Electronic Components Internally, the M3A11FCD-R consists of several critical electronic sub-parts: 1. **Sensing Element:** Usually a **Reed Switch** (two metal blades in a glass vacuum) or a **Solid State Hall Effect chip**. This reacts to the presence of a magnetic field. 2. **Protection Diode:** Often includes a flyback diode to prevent damage from inductive back-EMF when switching loads. 3. **LED Indicator:** Many versions include a built-in LED (Light Emitting Diode) to provide visual feedback when the sensor is triggered. 4. **Resistor Network:** Internal resistors are used to limit current to the LED and the output transistor. --- ### 3. Application Use Cases This specific part is engineered for environments requiring high reliability and durability: * **Elevator Leveling:** Detecting the floor position by sensing magnets fixed to the elevator guide rails. * **Safety Interlocks:** Monitoring the "Open/Closed" status of heavy industrial doors or safety gates. * **Pneumatic Cylinder Feedback:** Detecting the piston position within a cylinder. --- ### 4. Wiring Diagram Representation In a standard NPN configuration, the wiring typically follows this logic: ```mermaid graph LR VCC[Brown: +VCC] --- Sensor((M3A11FCD-R)) OUT[Black: Signal Out] --- Load[Controller/PLC] GND[Blue: 0V/GND] --- Sensor ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the M3A11FCD-R connector?
    • ⤷ Is the M3A11FCD-R compatible with AC voltage systems?
    • ⤷ What are the common failure modes for this specific sensor model?