Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3A12TBA-R

  • AI
    The **M3A12TBA-R** is a specific electronic component, typically identified as a **tactile switch** (or tact switch) used in various user-interface applications. Below is a detailed breakdown of its electronic parts, specifications, and architecture. --- ### 1. Component Overview This component is a sub-miniature, surface-mount (SMT) or through-hole tactile switch designed for momentary action. It provides physical "click" feedback to the user when pressed. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Tactile Switch | | **Circuitry** | SPST (Single Pole Single Throw) | | **Switch Function** | Momentary (Normally Open) | | **Mounting Type** | Typically SMT (Surface Mount Technology) | | **Actuation Force** | Usually ranges between 160gf to 260gf | --- ### 2. Internal Electronic Parts The switch is composed of several critical internal parts that define its electrical and mechanical behavior: #### A. The Metal Dome (Contact Disc) This is the heart of the switch. It is usually made of **stainless steel** or **phosphor bronze** with silver or gold plating. * **Function:** It acts as the "bridge" that completes the circuit. When pressed, it snaps downward to connect two static terminals. * **Feedback:** The snapping of this dome provides the tactile "click" sensation. #### B. Terminals (Lead Frame) These are the metal pins extending from the body of the switch. * **Material:** Brass or copper alloy, typically silver-plated for high conductivity and ease of soldering. * **Function:** These are soldered to the PCB (Printed Circuit Board) to integrate the switch into the device's electrical path. #### C. The Actuator (Stem/Button) The physical part that the user or an external button presses. * **Material:** High-temperature thermoplastic (like LCP or Nylon). * **Function:** Transfers the mechanical force from the user's finger to the internal metal dome. #### D. Base and Cover * **Base:** A molded plastic housing that holds the terminals and the dome in place. * **Cover:** Often a metal plate or plastic cap that seals the internal components to protect them from dust and flux during soldering. --- ### 3. Electrical Characteristics To ensure the part functions correctly within a circuit, it must operate within these parameters: | Parameter | Typical Value | | :--- | :--- | | **Contact Rating** | 50mA @ 12VDC | | **Contact Resistance** | < 100 mΩ (Initial) | | **Insulation Resistance** | > 100 MΩ @ 100VDC | | **Dielectric Strength** | 250VAC for 1 minute | | **Operating Life** | 100,000 to 1,000,000 cycles | --- ### 4. Common Applications * **Consumer Electronics:** Remote controls, cameras, and handheld gaming devices. * **Computing:** Keyboards, reset buttons on motherboards, and mouse buttons. * **Industrial:** Control panels and interface modules. ---
    ✨ Follow-up Questions
    • ⤷ What are the footprint dimensions for the M3A12TBA-R on a PCB?
    • ⤷ How does silver plating compare to gold plating for this switch's contacts?
    • ⤷ What is the recommended soldering profile for this SMT component?